Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC595AD Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC595AD
Description  8-bit serial-in/serial-out or parallel-out shift register; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC595AD Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC595AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC595AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The 74LVC595A is an 8-bit serial-in/serial or parallel-out shift register with a storage
register and 3-state outputs. Both the shift and storage register have separate clocks.
The input can be driven from either 3.3 V or 5 V devices. This feature allows the use of
this device in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial Power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
Data is shifted on the positive-going transitions of the SHCP input. The data in the shift
register is transferred to the storage register on a positive-going transition of the STCP
input. If both clocks are connected together, the shift register will always be one clock
pulse ahead of the storage register.
The shift register has a serial input (DS) and a serial output (Q7S) for cascading
purposes. It is also provided with asynchronous reset input MR (active LOW) for all 8 shift
register stages. The storage register has 8 parallel 3-state bus driver outputs. Data in the
storage register appears at the output whenever the output enable input (OE) is LOW.
2.
Features and benefits
 5 V tolerant inputs/outputs for interfacing with 5 V logic
 Wide supply voltage range from 1.2 V to 3.6 V
 CMOS low-power consumption
 Direct interface with TTL levels
 Balanced propagation delays
 All inputs have Schmitt-trigger action
 Complies with JEDEC standard JESD8-B/JESD36
 ESD protection:
 HBM JESD22-A114-D exceeds 2000 V
 CDM JESD22-C101-C exceeds 1000 V
 Specified from
40 C to +85 C and 40 C to +125 C.
3.
Applications
 Serial-to-parallel data conversion
 Remote control holding register
74LVC595A
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 2 — 20 June 2014
Product data sheet


Similar Part No. - 74LVC595AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC595AD NXP-74LVC595AD Datasheet
119Kb / 19P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
logo
Nexperia B.V. All right...
74LVC595AD NEXPERIA-74LVC595AD Datasheet
299Kb / 18P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 3 - 19 November 2021
More results

Similar Description - 74LVC595AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F674 PHILIPS-74F674 Datasheet
49Kb / 5P
16-bit serial/parallel-in, serial-out shift register 3-State
1989 Feb 05 1 853
74F676 PHILIPS-74F676 Datasheet
87Kb / 10P
16-bit serial/parallel-in, serial-out shift register 3-State
1989 Apr 18
74LVC595A NXP-74LVC595A Datasheet
119Kb / 19P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
74LV595 PHILIPS-74LV595_15 Datasheet
129Kb / 20P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 03-21 April 2009
74VHC_VHCT595 PHILIPS-74VHC_VHCT595_15 Datasheet
246Kb / 22P
8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 2-4 July 2012
logo
Nexperia B.V. All right...
74LVC8T595 NEXPERIA-74LVC8T595 Datasheet
348Kb / 33P
Dual supply 8-bit serial-in/serial-out or parallel-out shift register; 3-state
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Nexperia B.V. All right...
74LVC595A NEXPERIA-74LVC595A Datasheet
299Kb / 18P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 3 - 19 November 2021
74LV595 NEXPERIA-74LV595 Datasheet
279Kb / 17P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
74VHCT595 NEXPERIA-74VHCT595 Datasheet
302Kb / 20P
8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 3 - 25 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com