Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD511B1 Datasheet(PDF) 102 Page - STMicroelectronics

Part # PSD511B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD511B1 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button PSD511B1 Datasheet HTML 98Page - STMicroelectronics PSD511B1 Datasheet HTML 99Page - STMicroelectronics PSD511B1 Datasheet HTML 100Page - STMicroelectronics PSD511B1 Datasheet HTML 101Page - STMicroelectronics PSD511B1 Datasheet HTML 102Page - STMicroelectronics PSD511B1 Datasheet HTML 103Page - STMicroelectronics PSD511B1 Datasheet HTML 104Page - STMicroelectronics PSD511B1 Datasheet HTML 105Page - STMicroelectronics PSD511B1 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 153 page
background image
PSD5XX Family
99
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Sense7
Sense6
Sense5
Sense4
Sense3
Sense2
Sense1
Sense0
Interrupt Operation (cont.)
Interrupt Edge/Level Select Register
Bits sense 0
... sense 7 correspond to interrupt 0 ... interrupt 7.
When these bits are set to
1 = LEVEL sensitive
0 = EDGE sensitive (positive edge)
At RESET these bits initialize as 0 i.e., all interrupts come up as Edge sensitive.
Interrupt Read Clear Register
This is a read only register. Reading this register during initialization clears all the pending
edge sensitive interrupts.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ir 7
ir 6
ir 5
ir 4
ir 3
ir 2
ir 1
ir 0
Interrupt Request Latch Register
Bits ir 0...ir 7 correspond to interrupt 0 ... interrupt 7.
When any of these bits are set by the interrupt controller to a “1”, the corresponding
Interrupt is pending service.
The MCU can read the interrupt request latch which shows the status of all interrupts. The
entire interrupt request latch can be cleared by reading the Interrupt Read Clear Register,
but Level sensitive interrupts cannot be cleared.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
*
***
*
vect 2
vect 1
vect 0
NOTE: * = Reserved for future use, bits set to zero.
Interrupt Priority Status Register
The value of these 3 bits (vect2, vect1 and vect0) indicates the highest priority of the
interrupt to be serviced among multiple interrupts pending. Refer to the table above for
priorities of various interrupts. Reading this register clears the highest pending interrupt.
Interrupt
Controller
(Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com