Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD511B1 Datasheet(PDF) 103 Page - STMicroelectronics

Part # PSD511B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD511B1 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button PSD511B1 Datasheet HTML 99Page - STMicroelectronics PSD511B1 Datasheet HTML 100Page - STMicroelectronics PSD511B1 Datasheet HTML 101Page - STMicroelectronics PSD511B1 Datasheet HTML 102Page - STMicroelectronics PSD511B1 Datasheet HTML 103Page - STMicroelectronics PSD511B1 Datasheet HTML 104Page - STMicroelectronics PSD511B1 Datasheet HTML 105Page - STMicroelectronics PSD511B1 Datasheet HTML 106Page - STMicroelectronics PSD511B1 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 153 page
background image
PSD5XX Family
100
Interrupt
Controller
(Cont.)
Interrupt Operation (Cont.)
9.7.2 Input/Output
Interrupt inputs INT4 and INT5 originate from two dedicated PPLD product terms PT2INT4
and PT2INT5. Interrupt inputs INT6 and INT7 originate from the outputs of the PPLD
Macrocells MC2INT6 and MC2INT7 as described in the next section and the remaining
interrupt inputs INT0 through INT3 originate from four Terminal-Count (TC) outputs of the
Counter/Timers. If an External event has to cause an interrupt in the PSD5XX, it has to be
routed through the PPLD.
Regarding output from the Interrupt Controller, whenever an unmasked interrupt occurs, a
Global Interrupt signal is generated. The Global Interrupt signal can be used as a ZPLD
input (INTR2PLD). Refer to Figure 45 for details. It can also be driven off the chip by using
the special-function out capability of Port E (PE2) as INTR_OUT. In either case, the Global
Interrupt indicates to the MCU that an internal PSD5XX interrupt has occurred. Refer to the
section on I/O ports for specific details of setting up the port functions.
9.7.3 PPLD Macrocell
Interrupt inputs INT6 and INT7 originate two dedicated PPLD Macrocells. Each of these
PPLD Macrocells have two product terms as inputs that are inputted into a PPLD Macrocell
as shown in Figure 47. The outputs of both PPLD Macrocells MC2INT6 and MC2INT7 are
either Combinatorial or Register mode. The polarity of the product terms is programmable.
Refer to the section on “ZPLD” for further reference on the PPLD.
9.7.4 Interrupt Flowchart
The flowchart in Figure 48 explains the overall initialization and the servicing
of the interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com