Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD511B1 Datasheet(PDF) 107 Page - STMicroelectronics

Part # PSD511B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD511B1 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button PSD511B1 Datasheet HTML 103Page - STMicroelectronics PSD511B1 Datasheet HTML 104Page - STMicroelectronics PSD511B1 Datasheet HTML 105Page - STMicroelectronics PSD511B1 Datasheet HTML 106Page - STMicroelectronics PSD511B1 Datasheet HTML 107Page - STMicroelectronics PSD511B1 Datasheet HTML 108Page - STMicroelectronics PSD511B1 Datasheet HTML 109Page - STMicroelectronics PSD511B1 Datasheet HTML 110Page - STMicroelectronics PSD511B1 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 153 page
background image
PSD5XX Family
104
12.0
System
Configuration
The CSIOP signal, which is generated by the DPLD, selects the internal I/O devices or
registers. The CSIOP signal takes up 256 bytes of address space and is defined by the user
in the PSDSoft Software. The following is an address offset map for the various devices
relative to the CSIOP base address.
Some Motorola 16-bit microcontrollers have a different data bus/data byte orientation. This
requires a different address offset for the internal PSD5XX I/O devices or registers. Tables
30a and 31a in this section are for this group of microcontrollers which include the
M68HC16, M68302 and M683XX.
The following table is the address map offset of the I/O port registers.
Address Offset
Register Name
Port A
Port B
Port C
Port D
Port E
Data In
00
01
10
11
20
Control
02
03
12
13
22
Data Out
04
05
14
15
24
Direction
06
07
16
17
26
Open Drain
18
19
Special Function
08
09
28
PLD – I/O
0A
0B
2A
Macrocell Out
0C
0D
2C
Table 30. I/O Register Address Offset
Address Offset
Register Name
Port A
Port B
Port C
Port D
Port E
Data In
01
00
11
10
21
Control
03
02
13
12
23
Data Out
05
04
15
14
25
Direction
07
06
17
16
27
Open Drain
19
18
Special Function
09
08
29
PLD – I/O
0B
0A
2B
Macrocell Out
0D
0C
2D
Table 30a. I/O Register Address Offset
(For 16-Bit Motorola MCUs in 16-Bit Mode. If 8-Bit Mode is selected, use Table 30.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com