Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD511B1 Datasheet(PDF) 110 Page - STMicroelectronics

Part # PSD511B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD511B1 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button PSD511B1 Datasheet HTML 106Page - STMicroelectronics PSD511B1 Datasheet HTML 107Page - STMicroelectronics PSD511B1 Datasheet HTML 108Page - STMicroelectronics PSD511B1 Datasheet HTML 109Page - STMicroelectronics PSD511B1 Datasheet HTML 110Page - STMicroelectronics PSD511B1 Datasheet HTML 111Page - STMicroelectronics PSD511B1 Datasheet HTML 112Page - STMicroelectronics PSD511B1 Datasheet HTML 113Page - STMicroelectronics PSD511B1 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 153 page
background image
PSD5XX Family
107
System
Configuration
(Cont.)
Register Name
Register Function
PAGE REGISTER
A 4-bit register that supports paging.
INTR. READ
Reading this register clears all the pending edge sensitive
CLEAR
interrupts.
INTR.
Define interrupt input as level or edge sensitive.
EDGE/LEVEL
INTR. MASK
Mask selected interrupt input.
INTR.
A
“1” in the register indicates the corresponding interrupt is
REQUEST LATCH
pending.
INTR.
The register indicates which pending interrupt has the highest
PRIORITY STATUS
priority.
1. Configures the PSD SRAM to be accessed by
“PSEN” as
VM
program space (8031 design).
2. Enable the Peripheral I/O Mode of Port A.
PMMR0
Power management registers; enable the PSD Power Down Mode
PMMR1
and other power saving configurations.
STATUS FLAGS
Counter/Timer Freeze Acknowledge bits.
GLOBAL
Specifies the Counter/Timer operation mode; and to start or stop
COMMAND
the Counter/Timers.
DLCY
Specifies the delay cycles to the Counter/Timers.
SOFTWARE
This register enables a load (to the Counter/Timer) or store
LOAD/STORE
(in the Image Register) operation.
FREEZE
This register disables the timer state-machine before access to the
COMMAND
Image Register is allowed.
CMD3 – 0
Command Registers for the configuration of the Counter/Timers.
CNTR3 – 0
The four 16-bit Counter/Timers.
IMG3 – 0
The Image Registers for CNTR3 – 0.
Table 33. Other Register Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com