Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD511B1 Datasheet(PDF) 113 Page - STMicroelectronics

Part # PSD511B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD511B1 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button PSD511B1 Datasheet HTML 109Page - STMicroelectronics PSD511B1 Datasheet HTML 110Page - STMicroelectronics PSD511B1 Datasheet HTML 111Page - STMicroelectronics PSD511B1 Datasheet HTML 112Page - STMicroelectronics PSD511B1 Datasheet HTML 113Page - STMicroelectronics PSD511B1 Datasheet HTML 114Page - STMicroelectronics PSD511B1 Datasheet HTML 115Page - STMicroelectronics PSD511B1 Datasheet HTML 116Page - STMicroelectronics PSD511B1 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 153 page
background image
PSD5XX Family
110
0
20
60
80
100
120
40
010
15
5
20
25
PT100%
PT25%
COMPOSITE FREQUENCY AT PLD INPUTS (MHz)
TURBO
ON
TURBO
ON
TURBO
OFF
TURBO
OFF
Figure 50. ZPLD Typical ICC / Frequency Consumption (5 V)
Specifications
(cont.)
13.4 AC/DC Parameters
The following tables describe the AC/DC parameters of the PSD5XX family:
t DC Electrical Specification
t AC Timing Specification
• ZPLD Timing
– Combinatorial Delays
– Synchronous Clock Mode
– Asynchronous Clock Mode
• Microcontroller Timing
– Read Timing
– Write Timing
– Peripheral Mode Timing
– Power Down and Reset Timing
• PSD5XX Specific Timings
– Counter/Timer Timing
– Interrupt Controller Timing
Following are some issues concerning the parameters presented:
t In the DC specification, the Supply Current is given for different modes of operation.
Before calculating the total power consumption, determine the percentage of time that
the PSD5XX is in each mode. Also the current is considerably different if the
ZPLD_TURBO bit is "OFF" and EPROM_CMISER is "ON".
t The AC power component provides the ZPLD, EPROM, SRAM and TIMER mA/MHz
specification. Figure 50 shows the ZPLD mA/MHz as a function of the number
of Product Terms (PT) used.
t In the ZPLD timing parameters add the required delay when ZPLD_TURBO is "OFF".
t In the MCU timing specification, add the required time delay when EPROM_CMISER
is "ON".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com