Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD511B1 Datasheet(PDF) 116 Page - STMicroelectronics

Part # PSD511B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD511B1 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button PSD511B1 Datasheet HTML 112Page - STMicroelectronics PSD511B1 Datasheet HTML 113Page - STMicroelectronics PSD511B1 Datasheet HTML 114Page - STMicroelectronics PSD511B1 Datasheet HTML 115Page - STMicroelectronics PSD511B1 Datasheet HTML 116Page - STMicroelectronics PSD511B1 Datasheet HTML 117Page - STMicroelectronics PSD511B1 Datasheet HTML 118Page - STMicroelectronics PSD511B1 Datasheet HTML 119Page - STMicroelectronics PSD511B1 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 153 page
background image
PSD5XX Family
113
-70
-90**
-15
ZPLD_TURBO
Symbol
Parameter
Conditions
Min Max Min Max Min Max
OFF
*
Unit
I/O Input or Feedback to
tPD
Combinatorial Output
Port B, E
25
30
34
Add 10
ns
tRPD
Registered Input to
(Note 1)
27
32
36
Add 10
ns
Combinatorial Output
tEA
Input to Output Enable
Any Input
25
28
32
Add 10
ns
tER
Input to Output Disable
Any Input
25
28
32
Add 10
ns
tARP
Register Clear or Preset
Any Input
27
30
34
Add 10
ns
Delay
tARPW
Register Clear or Preset
Any Input
20
25
29
ns
Pulse Width
tARD
Array Delay
16
18
22
ns
Combinatorial Delays (5 V ± 10% Versions)
NOTE: 1. Ports A, C, D and latched address from ADIO (A0, A1, A8-A15).
**If ZPLD_TURBO is off and the ZPLD is operating above 15 MHz, there is no need to add 10 ns to the timing parameters.
**The -90 speed is available only on Industrial Temperature Range product.
13.7 AC/DC Parameters – ZPLD Timing Parameters (5 V ± 10% Versions)
-70
-90**
-15
ZPLD_TURBO
Symbol
Parameter
Conditions
Min
Max
Min
Max
Min
Max
OFF
*
Unit
Maximum Frequency
External Feedback
1/(tS + tCO)
30.30
27.03
25.00
MHz
Maximum Frequency
fMAX
Internal Feedback (fCNT)
1/(tS+tCO–10)
43.48
37.04
31.25
MHz
Maximum Frequency
Pipelined Data
1/(tCH + tCL)
50.00
41.67
35.71
MHz
t S
Input Setup Time
Any Input
15
17
20
Add 10
ns
t H
Input Hold Time
Any Input
0
0
0
0
ns
t CH
Clock High Time
Clock Input
10
12
15
0
ns
t CL
Clock Low Time
Clock Input
10
12
15
0
ns
t CO
Clock to Output Delay
Clock Input
18
20
22
0
ns
tARD
Array Delay for Product
Term Expansion
Any Macrocell
16
18
22
0
ns
tMIN
Minimum Clock Period
t CH + t CL
20
24
29
0
ns
Synchronous Clock Mode (5 V ± 10%)
**If ZPLD_TURBO is off and the ZPLD is operating above 15 MHz, there is no need to add 10 ns to the timing parameters.
**The -90 speed is available only on Industrial Temperature Range product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com