Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1012A Datasheet(PDF) 24 Page - NXP Semiconductors

Part # LS1012A
Description  Layerscape LS1012A Freeway
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button LS1012A Datasheet HTML 20Page - NXP Semiconductors LS1012A Datasheet HTML 21Page - NXP Semiconductors LS1012A Datasheet HTML 22Page - NXP Semiconductors LS1012A Datasheet HTML 23Page - NXP Semiconductors LS1012A Datasheet HTML 24Page - NXP Semiconductors LS1012A Datasheet HTML 25Page - NXP Semiconductors LS1012A Datasheet HTML 26Page - NXP Semiconductors LS1012A Datasheet HTML 27Page - NXP Semiconductors LS1012A Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
2.8 M.2 Type-E NGFF slot
The FRWY-LS1012A supports 1 M.2 Type-E NGFF slot connected to LS1012A through
the SerDes lane D.
The onboard M.2 NGFF onnector supports only 1630, 2230 M2 Type E cards.
0.1uF
REFCLK-
REFCLK+
LS1012A
3V3
3V3
PERST#
4.7K
M.2 Connector
4.7K
3.3V
TX_P
RX_P
PETn0
PERp0
Voltage
Translator
1.8V 3.3V
DUT_PORST_B
PETp0
0.1uF
TX_N
RX_N
PERn0
WAKE#
3V3
3V3
Only for WiFi (M.2 Type E)
Supports 1630 and 2230 modules
Voltage
Translator
1.8V 3.3V
IIC1_SCL
IIC1_SDA
I2C_CLK
I2C_DATA
3V3
3V3
3V3
3V3
PCIe Gen Clock
Buffer 2-OUT
Si52112-B3
25
MHZ
100 Mhz
100 Mhz
SD1_REF_CLK1_N
SD1_REF_CLK1_P
Figure 2-7. NGFF slot
2.9 Audio interface
The FRWY-LS1012A board supports 3.5mm jack for audio and mic interface using the
SGTL5000 codec. This codec connects with LS1012A on the SAI2 interface.
SAI2 supports full duplex audio and takes bit clock (TX and RX BCLK) and frame clock
(TX and RX SYNC) as input from SGTL5000. The SGTL5000 generates these clocks
based on a 25 MHz MCLK, which is fed from the 25 MHz crystal clock. The SGTL5000
control interface is I2C-based and can be accessed at the 0x0A address.
M.2 Type-E NGFF slot
Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018
24
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com