Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1012A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LS1012A
Description  Layerscape LS1012A Freeway
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A Datasheet(HTML) 5 Page - NXP Semiconductors

  LS1012A Datasheet HTML 1Page - NXP Semiconductors LS1012A Datasheet HTML 2Page - NXP Semiconductors LS1012A Datasheet HTML 3Page - NXP Semiconductors LS1012A Datasheet HTML 4Page - NXP Semiconductors LS1012A Datasheet HTML 5Page - NXP Semiconductors LS1012A Datasheet HTML 6Page - NXP Semiconductors LS1012A Datasheet HTML 7Page - NXP Semiconductors LS1012A Datasheet HTML 8Page - NXP Semiconductors LS1012A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Chapter 1
Overview
1.1 Introduction
The Layerscape LS1012A Freeway (FRWY-LS1012A) board is an ultra-low-cost
development platform for LS1012A. The board provides connectivity support for SPI,
UART, and I2C based mikroBUS™ connector. Also, the FRWY-LS1012A supports 512
MB of DDR3L memory, two 1 Gbit/s Ethernet ports, one USB 3.0 port, Audio in/out and
mic interface, and PCIe Gen1/2 M.2 Type E modules.
The dimensions of the board are 83x90 mm. (Figure 1-4). The system is lead-free and
RoHS-compliant.
The LS1012A processor is built on the LS architecture combining one Arm® A53
processor core with the data path acceleration and network, peripheral interfaces required
for networking, wireless infrastructure, and the general-purpose embedded applications.
The FRWY-LS1012A onboard resources and debugging devices allow you to:
• Upload and run code.
• Use the FRWY-LS1012A as a demonstration tool.
FRWY-LS1012A comes loaded with Layerscape SDK, which is the next generation of
Linux enablement software for Layerscape family of processors. It provides all the
necessary drivers, tools and libraries required to enable all features of the Arm® based
Layerscape processors.
1.2 Related documentation
Table 1-1 lists the additional documents that you can refer to, for more information about
the FRWY-LS1012A.
Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018
NXP Semiconductors
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com