Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1012A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LS1012A
Description  Layerscape LS1012A Freeway
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LS1012A Datasheet HTML 4Page - NXP Semiconductors LS1012A Datasheet HTML 5Page - NXP Semiconductors LS1012A Datasheet HTML 6Page - NXP Semiconductors LS1012A Datasheet HTML 7Page - NXP Semiconductors LS1012A Datasheet HTML 8Page - NXP Semiconductors LS1012A Datasheet HTML 9Page - NXP Semiconductors LS1012A Datasheet HTML 10Page - NXP Semiconductors LS1012A Datasheet HTML 11Page - NXP Semiconductors LS1012A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Table 1-3. FRWY-LS1012A features (continued)
Feature
Specification
Description
I2C
• One I2C bus with connectivity to mikroBUS click headers
and audio device
Debug features
• Arm Cortex® 10-pin JTAG connector for LS1012A
• CMSIS DAP through K20 microcontroller
Package
• Package type is 9.6 mm x 9.6 mm x 0.805, 211 Flip Chip
Land Grid Array (FC-LGA)
Clocks
• 25 MHz Oscillator for LS1012A
• 25 MHz Oscillator for audio codec
• 25 MHz crystals for 2 SGMII PHYs
• 100 MHz reference clock for M.2 NGFF slot
• 8 MHz Crystal for K20
• 24 MHz for SC16IS740IPW SPI to Dual UART bridge
Power supplies
• 5 V input supply from power adapter
• 0.9 V, 1.35 V, and 1.8 V for VDD/Core, DDR, I/O, and
other board interfaces
1. For details about features of the LS1012A SoC, see QorIQ LS1012A Family Reference Manual.
1.5 FRWY-LS1012A block diagram
Figure 1-1 shows the FRWY-LS1012A block diagram.
FRWY-LS1012A block diagram
Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018
8
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com