Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1012A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LS1012A
Description  Layerscape LS1012A Freeway
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LS1012A Datasheet HTML 5Page - NXP Semiconductors LS1012A Datasheet HTML 6Page - NXP Semiconductors LS1012A Datasheet HTML 7Page - NXP Semiconductors LS1012A Datasheet HTML 8Page - NXP Semiconductors LS1012A Datasheet HTML 9Page - NXP Semiconductors LS1012A Datasheet HTML 10Page - NXP Semiconductors LS1012A Datasheet HTML 11Page - NXP Semiconductors LS1012A Datasheet HTML 12Page - NXP Semiconductors LS1012A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
LS1012A
[A]
[B]
[D]
RESET
LED’s
(PG & RESET)
SD2_REF_CLK1 & 2
2:2
Mikrobus Click Headers
DDR3L
3 SPI Flash
I2C1
UART1
On Board Power Supply
2:3
1:3
1:2
1:2
1:2
SGMII(1G)
USB3 x2
USB2.0&USB3.0
QSPI
16Mb NOR+1Gb NAND
W25M161AWEIT
QSPI
(Single & Dual/Quad IO)
DDR3L x16 SDRAM
D2516ECMDXGJD-U
KW24
STEREO
CODEC
SGTL5000
EMI1
SGMII PHY
Qualcomm
AR8033
DSPI
1:2
JTAG
RESET
To LS1012A
SAI2
K20
(CMSIS DAP)
JTAG
1:2
SGMII(1G)
EMI1
SGMII PHY
Qualcomm
AR8033
AUD OUT
AUD IN
SPI to UART
Bridge
SC16IS740IPW
CS0
CS1
Debug uAB Port
I2C1
HP + MIC
PCIe(x1)
5V from Adaptor
SDHC1
VCC_5V
Micro-SD Card
M.2 Type E
NGFF Slot
MC34VR5100A1EP + MC34713EP
3.5 mm
Jack
Figure 1-1. FRWY-LS1012A block diagram
1.6 FRWY-LS1012A board interface
The following figures shows the top and bottom views and assembly layout of the
FRWY-LS1012A board.
Chapter 1 Overview
Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018
NXP Semiconductors
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com