Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1012A Datasheet(PDF) 28 Page - NXP Semiconductors

Part # LS1012A
Description  Layerscape LS1012A Freeway
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button LS1012A Datasheet HTML 24Page - NXP Semiconductors LS1012A Datasheet HTML 25Page - NXP Semiconductors LS1012A Datasheet HTML 26Page - NXP Semiconductors LS1012A Datasheet HTML 27Page - NXP Semiconductors LS1012A Datasheet HTML 28Page - NXP Semiconductors LS1012A Datasheet HTML 29Page - NXP Semiconductors LS1012A Datasheet HTML 30Page - NXP Semiconductors LS1012A Datasheet HTML 31Page - NXP Semiconductors LS1012A Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Figure 2-9. mikroBUS pin specification
2.15 MicroSD card
The LS1012A SDHC1 controller is connected to the onboard SDHC connector that can
be used to connect the microSD cards. The SD card does not support Write Protect (WP)
feature.
The onboard power regulator, MC34713EP (U7) provides 3.3 V power supply. The 3.3 V
power supply is converted by power switch, FPF1321UCX, to 1.8 V to provide the
EVDD power supply to the LS1012A SDHC1 IOs. The following table shows how the
power provided to the SDHC devices is controlled.
Table 2-11. SDHC memory power control
Configuration Signals
Value
Description
SDHC1_VSEL
0
3.3 V (Default)
1
1.8 V (After SDHC_VSEL check)
MicroSD card
Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018
28
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com