Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1012A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LS1012A
Description  Layerscape LS1012A Freeway
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LS1012A Datasheet HTML 3Page - NXP Semiconductors LS1012A Datasheet HTML 4Page - NXP Semiconductors LS1012A Datasheet HTML 5Page - NXP Semiconductors LS1012A Datasheet HTML 6Page - NXP Semiconductors LS1012A Datasheet HTML 7Page - NXP Semiconductors LS1012A Datasheet HTML 8Page - NXP Semiconductors LS1012A Datasheet HTML 9Page - NXP Semiconductors LS1012A Datasheet HTML 10Page - NXP Semiconductors LS1012A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Table 1-2. Acronyms and abbreviations (continued)
Term
Description
PS
Power supply
PSU
Power supply unit
RCW
Reset Configuration Word
SDA
Serial data line
SerDes
Serializer/deserializer used to interface with serial interfaces, such as PCIe, SGMII, and SATA
SGMII
Serial Gigabit Media Independent Interface
SPI
Serial Peripheral Interface
USB
Universal Serial Bus
1.4 FRWY-LS1012A features
The following table lists the features of the FRWY-LS1012A.
Table 1-3. FRWY-LS1012A features
Feature
Specification
Description
Processor
LS1012A processor
LS1012A processor with single core1
High-speed serial ports
(SerDes)
3 SerDes lanes with speed
up to 5 Gbit/s
• 2 SGMII 1G PHYs
• 1 M.2 Type-E NGFF slot
DDR controller
One 512 MB DDR3L
SDRAM memory
• 512 MB memory
• Supports data rates up to 1000 MT/s
• Operates at 1.35 V
Ethernet
Two Ethernet PHYs
• Two quad-speed Ethernet PHYs supporting SGMII 1G
with RJ45 connectors for 1000BaseT connectivity
USB 2.0/3.0
One SuperSpeed USB
2.0/3.0 port, one USB 2.0
port
• USB 2.0/3.0 port is configured as On-The-Go (OTG) with a
Micro-AB connector
• USB 2.0 port is a debug port (CMSIS DAP) and is
configured as a Micro-AB device
SPI
SPI
• SC16IS740IPW SPI to Dual UART bridge
• mikroBUS™ host connector
QSPI
One QSPI controller
• Onboard combo flash of 16 Mbit serial NOR + 1 Gbit serial
NAND QSPI memory for boot image. The data transfer
speed for NOR flash memory is 50 MB/s and for NAND
the speed is 40 MB/s
SDHC
One SDHC1 controller
• Onboard SDHC connector to connect the microSD cards
M.2 Type-E NGFF slot
• 1 M.2 Type-E NGFF slot
Serial ports
UART (Console)
1 UART (from
SC16IS740IPW)
• UART1 (without flow control) for console
• 1 UART (without flow control) from SC16IS740IPW (SPI to
UART Bridge) to mikroBUS host connector
SAI
Audio interface
• One SAI port, SAI 2 with full duplex and mic support
Table continues on the next page...
Chapter 1 Overview
Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018
NXP Semiconductors
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com