Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP-232PC Datasheet(PDF) 9 Page - THAT Corporation All rights reserved.

Part # DLP-232PC
Description  Digital Preamplifier Controller Demonstration System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

DLP-232PC Datasheet(HTML) 9 Page - THAT Corporation All rights reserved.

Back Button DLP-232PC Datasheet HTML 5Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 6Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 7Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 8Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 9Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 10Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 11Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 12Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 13Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
THAT 5171-DEMO Datasheet
Page 9 of 14
Document 600189 Rev 01
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved.
Appendix B. Bill of Materials
Item
Description
Qty
Designator
Manufacturer
Mfr P/N
1
Printed Circuit Board
1
PCB Board Number
THAT Corporation
270638-03
2
Cap 10u 25V NP 20% Aluminum SMD
5mm
2
C1, C2
Nichicon
UWP1E100MCL1GB
3
Cap 220p 50V 5% NPO Ceramic SMD
0603
7
C3, C4, C9, C12, C15, C18, C21
TDK
C1608C0G1H221J
4
Cap 22p 50V 5% NPO Ceramic SMD
0603
9
C5, C6, C8, C13, C14, C17, C19, C24,
C26
KEMET Corporation
C0603C220J5GAC
5
Cap 100nF 50V X7R Ceramic SMD
0603
15
C7, C23, C25, C28, C29, C30, C31,
C32, C34, C35, C36, C38, C41, C43,
C45
Murata Electronics
GRM188R71H104K
6
Cap 47 uF 63V 20% Aluminum Radial
12.5mm Low ESR
3
C10, C16, C27
Panasonic
EEE-TG1J470P
7
Cap 100p 50V 5% NPO Ceramic SMD
0805
2
C11, C22
Murata Electronics
GRM2165C1H101JA01D
8
Cap 1nF 10% 50V X7R Ceramic SMD
0603
1
C33
AVX Corporation
06035C102KAT2A
9
Cap 470uF 25V 20% Aluminum
Radial
2
C37, C39
Panasonic
ECA-1EM471B
10
Cap 10u 25V 20% Aluminum SMD
4.3x4.3
1
C40
United Chemi-Con
EMVA250ADA100MD55G
11
Cap 22uF 25V 20% Aluminum SMD
6.3mm
1
C42
Panasonic
EEV-FC1E220P
12
Cap 10uF 63V 20% aluminum SMD
6.3mm
1
C44
Nichicon
UCD1J100MCL1GS
13
Diode LED T1 RED D-5mm Radial
5
D1, D2, D3, D4, D11
Rohm
SLA-560LT3F
14
Diode Sckottky 60V 2A SMD SOD128
4
D5, D7, D8, D10
Nexperia
PMEG6020AELPX
15
Diode 1N4148 150mA 75V 0603
2
D6, D9
Comchip Technology
Corporation
CDSU4148
16
Diode S1G 1A 400V SMD DO-214AC
(SMA)
4
D12, D13, D14, D15
Diodes, Inc.
S1G-13-F
17
XLR-3C male right angle chassis
mount
1
J1
Neutrik USA Inc.
NC3MAH
18
3p female XLR & TRS chassis mount
1
J2
Neutrik USA Inc.
NCJ6FI-H
19
3P phone female right angle 1/4" slim
jack
1
J3
Neutrik USA Inc.
NRJ6HF-1
20
Conn Header 2p Male Vert 0.1 Gold
5
J4, J6, J9, J18, J19
Samtec USA
TSW-102-07-G-S
21
Conn Header 4x2 Male Vert 0.1 Gold
2
J8, J10
3M
2308-6121TG
22
Module USB FT232R W/18F2410
1
J11
DLP Design, Inc
DLP-232PC
23
Conn Header 6p Male Vert 0.1 Gold
1
J12
Molex
22-28-4063
24
5-Way Binding Post Chassis Mount
Red
1
J13
Pomona Electronics
3760-2
25
5-Way Binding Post Chassis Mount
Green
2
J14, J20
Pomona Electronics
3760-5
26
5-Way Binding Post Chassis Mount
Black
1
J15
Pomona Electronics
3760-0
27
5-Way Binding Post Chassis Mount
Blue
1
J16
Pomona Electronics
3760-6
28
5-Way Binding Post Chassis Mount
Yellow
1
J17
Pomona Electronics
3760-4
29
Conn Header 3p Male Vert 0.1 Gold
1
J22
Molex
22-28-4033
30
Assembly Label
1
Label
THAT Corporation
210734-00
31
Mounting Hole Ground Pad Hole Size
150 mil pad Diameter 250 mil
4
MH1, MH2, MH3, MH4
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com