Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP-232PC Datasheet(PDF) 2 Page - THAT Corporation All rights reserved.

Part # DLP-232PC
Description  Digital Preamplifier Controller Demonstration System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

DLP-232PC Datasheet(HTML) 2 Page - THAT Corporation All rights reserved.

  DLP-232PC Datasheet HTML 1Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 2Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 3Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 4Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 5Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 6Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 7Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 8Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
THAT 5171-DEMO Datasheet
Page 2 of 14
Document 600189 Rev 01
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved.
The THAT5171 and THAT1580 ICs enable digitally-
controlled microphone preamplifier applications with
exceptionally high performance. The chipset accepts pro
audio input levels (+22 dBu max) without an input pad.
Gain is adjustable to 5.6 dB, and 13.6 dB to 68.6 dB in
1 dB increments (a 5.6 dB attenuator at the output
offsets the overall gain range to 0 dB, and 8-63 dB). The
5171’s
built-in
zero-crossing detector
and
other
techniques for reducing zipper noise enable very smooth
and silent gain changes. A differential servo reduces
output offsets to less than 1.5 mV.
Four general
purpose outputs on the 5171 can be connected to a
variety of peripheral functions, e.g. an input pad,
phantom power switch, signal routing switches, LEDs,
etc. The 5171’s addressable SPI interface supports read-
back. By separating the analog mic preamp front end
(THAT1580) from the digital functions and switched
resistor ladder (THAT5171), each IC is optimized for
high performance.
The THAT1580 is fabricated using THAT’s high-
voltage BiCMOS process, yielding extremely high
performance. The THAT5171 is fabricated using a high-
voltage CMOS process, with proprietary techniques for
reducing FET switching glitches. Packaged in 4x4 mm
QFN16 and 7x7 mm QFN32 packages respectively, the
THAT1580 and THAT5171 require very little PCB area.
THAT5171/1580 Overview
Figure 2. Block Diagram of the THAT 5171 Demo Board
Block Diagram
THAT
1580 or
1583
Servo
Resistor
Network
with FET
Switches
Control
Logic
Vcc
Vee
THAT
5171
-
-
+
+
Phantom
Power
Fault
Protection
RFI
Protection
RFI
Protection
USB
Interface
Ext
SPI
Conn
MUX
USB
SPI Bus
Reset
Switch
REG
+3.3V
+5V
Mic/Line
Input
Balanced
Output
+48 V
CHAS
+15 V
-15V
+5V
GND
Power Supply Inputs
INPUT SECTION
Balanced
Output
Driver
OUTPUT
SECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com