Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP-232PC Datasheet(PDF) 10 Page - THAT Corporation All rights reserved.

Part # DLP-232PC
Description  Digital Preamplifier Controller Demonstration System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

DLP-232PC Datasheet(HTML) 10 Page - THAT Corporation All rights reserved.

Back Button DLP-232PC Datasheet HTML 6Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 7Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 8Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 9Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 10Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 11Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 12Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 13Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 14Page - THAT Corporation All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
THAT 5171-DEMO Datasheet
Page 10 of 14
Document 600189 Rev 01
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved.
Item
Description
Qty
Designator
Manufacturer
Mfr P/N
33
Binding Post/Standoffs Procedure
1
Procedure
THAT Corporation
540233-00
34
Transistor DSS4320T NPN 20V 2A
SOT-23
1
Q1
Diodes, Inc.
DSS4320T-7
35
Res 1M2 1% 0.125W Thick Film SMD
0805
3
R1, R2, R32
Vishay Dale
CRCW08051M21FKEA
36
Res 100R0 1% 100mW Thin Film
25ppm SMD 0805
4
R3, R4, R5, R14
KOA Speer Electronics RN732ATTD1000F25
37
Res 9k09 0%1 0.125W Thin Film
25ppm SMD 805
2
R6, R8
Susumu
RG2012P-9091-B-T5
38
Res 1k13 0%5 100mW Thin Film
25ppm SMT 0805
2
R7, R15
Susumu
RR1220P-1131-D-M
39
Res 2k15 0%5 100mW Thin Film
25ppm SMT 0805
2
R9, R12
Susumu
RR1220P-2151-D-M
40
Res 10R00 0.1 0.25W Metal Film
Axial
2
R10, R16
TE Connectivity
YR1B10RCC
41
Res 49R90 1% 0.25W Thick Film
SMD 1206
5
R11, R13, R18, R20, R25
Panasonic
ERJ-8ENF49R9V
42
Res 10k0 1% 0.1W Thick Film SMD
0603
12
R17, R19, R21, R22, R28, R35, R37,
R38, R39, R44, R45, R46
Vishay Dale
CRCW06031002FRT1
43
Res 1k20 0%1 0.25W Thin Film
25ppm SMD 1206
2
R23, R24
Vishay Dale
TNPW12061K20BEEN
44
Res 4k99 0%5 100mW Thin Film
25ppm SMD 0805
2
R27, R29
Susumu
RR1220P-4991-D-M
45
Res 2k49 1% 125mW Thin Film
100ppm SMD 0805
1
R30
Susumu
RR1220P-202-B-T5
46
Res 470R 1% 0.125W Thick Film
SMD 0805
1
R31
Yageo
RC0805FR-07470RL
47
Res 47k0 1% 0.125W Thick Film SMD
0805
4
R33, R51, R53, R55
Yageo
RC0805FR-0747KL
48
Res 49R9 1% 100mW Thick Film SMT
0603
4
R34, R36, R40, R41
Vishay Dale
TNPW120649R9BEEN
49
Res 6k81 0%1 1/4W Metal Film
25ppm axial
2
R42, R59
IRC
RC55LF-D-6K81-B-B
50
Res 22M 1% 125mW Thiin Film
100ppm SMD 0805
1
R43
Panasonic
ERJ-6GEYK226V
51
Res 330R 1% 0.125W Thick Film
SMD 0805
4
R50, R52, R54, R56
Yageo
RC0805FR-07330RL
52
Res 0R Thick Film SMT 0603
2
R57, R58
Panasonic
ERJ-3GEY0R00V
53
Screw 4-40 X 1/4" PHILLIPS PAN
HEAD SS
4
SC1, SC2, SC3, SC4
McMaster-Carr
91772A106
54
Schematic
1
Schematic Number
THAT Corporation
330638-03
55
Standoff 4-40 X 1/4" X 1" HEX AL
4
SO1, SO2, SO3, SO4
RAF Electronic
Hardware
2112-440-AL-7
56
Switch DPDT push-push action
1
SW1
E-Switch
PBH2UEENAGX
57
Test Point SMT 2.5 X 4.50
15
TP1, TP2, TP3, TP4, TP5, TP6, TP7,
TP8, TP9, TP10, TP11, TP12, TP13,
TP14, TP15
Keystone Electronics
Corporation
5016
58
IC 1580N16-U Mic Preamp 16QFN
1
U1
THAT Corporation
59
IC 5171N32-U Mic Preamp Gain
Controller 32QFN
1
U2
THAT Corporation
5171N32-U
60
Opamp dual
1
U3
NJM Corporation
NJM4580M
61
IC 74LVC157 Quad 2-In Multiplexer
16SSOP
1
U5
NXP
74LVC157ADB,112
62
IC 3V uProcessor Supervisory Circuit
1
U6
Analog Devices
ADM706SARZ
63
IC MAX604 Volt Reg Adj 3.3V 0.5A
8SOIC
1
U7
Maxim / Dallas
MAX604CSA
64
IC 74HCT1G125 Single Bus Buffer
with Tri-state Output
1
U8
Texas Instruments
SN74AHCT1G125DCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com