Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP-232PC Datasheet(PDF) 3 Page - THAT Corporation All rights reserved.

Part # DLP-232PC
Description  Digital Preamplifier Controller Demonstration System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

DLP-232PC Datasheet(HTML) 3 Page - THAT Corporation All rights reserved.

  DLP-232PC Datasheet HTML 1Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 2Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 3Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 4Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 5Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 6Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 7Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 8Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
THAT 5171-DEMO Datasheet
Page 3 of 14
Document 600189 Rev 01
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved.
5171 Demo Specifications1,2,3
Parameter
Symbol
Typical
Units
Power Supply Voltage
V+ - V-
±15
V
Maximum Input Level
(V+ /V- = ±15V)
VIN-BAL
+22
dBu
Maximum Differential Output Level
(V+ /V- = ±15V)
VOUT
+22
dBu
Gain (input to output)
AdB
0
8 to 63 in 1dB steps
dB
Gain error (all settings)
Aerr
±0.15
dB
Total Harmonic Distortion
(VOUT=+16dBu (5VRMS); RL=10kΩ
CL=10pF; f = 1kHz; BW = 22 kHz
THD
0.0004 (0dB gain)
0.0003 (20dB gain)
0.0008 (40dB gain)
0.006 (60dB gain)
%
Equivalent Input Noise
(main output)
(150 source, BW=22kHz)
EIN
-127.9 (60dB gain)
-127.1 (40dB gain)
-120.0 (20dB gain)
-107.0 (0dB gain)
dBu
Supply Current
ICC, -IEE, IDD
23 (V+ supply)
23 (V- supply)
0.5 (+5V supply)
mA
1. All specifications are subject to change without notice.
2. Unless otherwise specified, TA=25ºC, VCC=+15V, VEE=-15V, VDD=+3.3V
3. All audio specifications include the effects of the differential output buffer stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com