Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP-232PC Datasheet(PDF) 1 Page - THAT Corporation All rights reserved.

Part # DLP-232PC
Description  Digital Preamplifier Controller Demonstration System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

DLP-232PC Datasheet(HTML) 1 Page - THAT Corporation All rights reserved.

  DLP-232PC Datasheet HTML 1Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 2Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 3Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 4Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 5Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 6Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 7Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 8Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved. Document 600189 Rev 01
THAT5171 Digital Preamplifier Controller
Demonstration System
THAT 5171-DEMO
FEATURES
 Demonstrates a complete digitally-controlled microphone preamplifier system
utilizing the THAT5171 controller IC paired with a THAT1580 preamplifier IC
 Balanced microphone-level audio inputs on XLR connector with switchable
phantom power via external 48V supply
 Balanced line input with -20dB pad on TRS connector
 Balanced audio output on XLR and TRS connectors
 Supports pro audio signal levels: +22 dBu input and +22 dBu output
 Easy to use PC Graphical User Interface software provides control of gain,
GPO states, and Zero Crossing Detector modes
 Gain (measured input to output) is adjustable in 1 dB steps: 0 dB, and 8 - 63dB
 Direct SPI control and multiple board daisy-chaining is available via on-board
headers
 External VCM input available for output stage biasing
On-board prototyping area
Figure 1. THAT 5171 Demo Board


Similar Part No. - DLP-232PC

ManufacturerPart #DatasheetDescription
logo
THAT Corporation All ri...
DLP-232PC THAT-DLP-232PC Datasheet
844Kb / 16P
2-Channel Digitally-Controlled Mic Preamp Demonstration Board
10/27/16
DLP-232PC THAT-DLP-232PC Datasheet
1Mb / 20P
THAT 626x 2-Channel Digitally-Controlled Mic Preamp-ADC Driver Demonstration System
06/14/18
More results

Similar Description - DLP-232PC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLS1233 TI-TLS1233 Datasheet
120Kb / 7P
VIDEO PREAMPLIFIER SYSTEM
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
Digital PWM System Controller
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
Digital PWM System Controller
UCD9220 TI-UCD9220 Datasheet
1Mb / 37P
Digital PWM System Controller
UCD9246 TI-UCD9246 Datasheet
1Mb / 34P
Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
Digital PWM System Controller
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
Digital PWM System Controller
UCD9224 TI-UCD9224_1 Datasheet
1Mb / 36P
Digital PWM System Controller
UCD9240 TI1-UCD9240_15 Datasheet
1Mb / 39P
Digital PWM System Controller
UCD9240 TI1-UCD9240_17 Datasheet
1Mb / 39P
Digital PWM System Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com