Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP-232PC Datasheet(PDF) 4 Page - THAT Corporation All rights reserved.

Part # DLP-232PC
Description  Digital Preamplifier Controller Demonstration System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

DLP-232PC Datasheet(HTML) 4 Page - THAT Corporation All rights reserved.

  DLP-232PC Datasheet HTML 1Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 2Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 3Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 4Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 5Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 6Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 7Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 8Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
THAT 5171-DEMO Datasheet
Page 4 of 14
Document 600189 Rev 01
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved.
Connections:
Power
The USB interface runs on USB bus power, but the rest
of the demo board requires an external power supply.
+/-15 V (maximum +/-17V) supplies the analog
circuitry. +48V phantom power is input (not generated
on the board) and switched on and off via the on-board
Phantom Power switch. Note that the ground return for
+48V phantom power is via the CHAS (chassis ground)
connector. The +5V input is regulated on board to 3.3V
and supplies the digital logic.
Audio Input
The Neutrik combo connector accepts an XLR or ¼”
TRS cable. Maximum input signal level is +22dBu with
±15 V supplies. The 1/4” TRS signal path includes a
20 dB pad in order to support very high line levels.
Audio Output
Separate XLR and ¼” TRS connectors are wired in
parallel. Maximum output signal level is +22 dBu with
±15 V supplies. The differential attenuator/output buffer
(U3) adds a small amount of noise and distortion to the
signal and it is therefore recommended that test points
TP1-TP3 be used to measure performance of the
1580/5171 ICs.
USB
A PC must be plugged into the demo board via USB
in order to control the various parameters in the 5171.
General Purpose Outputs (GPO)
The GPO3:0 pins are connected to header J12. J12
is conveniently located near the prototyping area, so the
user can easily connect optional circuitry to them. Note
that the GPO pins are also connected to LEDs, D1-D4,
and pull up and pull down resistors which set the 5171
device address during reset.
Consideration must be
given to how any application circuitry that is added
interacts with these other functions.
A note about the phantom power fault protec-
tion circuitry included on the demo board:
Phantom power faults are a serious concern in any
preamplifier design and external protection circuitry is
always required for safe and reliable operation. A
momentary short at the input connector while using
phantom power can cause 48 V negative spikes to
appear at the preamplifier inputs, often destroying the
IC if left unprotected. THAT Corporation has recently
revised its protection recommendations which now
include:
1)
Schottky diodes
2)
Larger power supply bypass capacitors. The
full details of our latest recommendations can be found
in our Design Brief 201, “Revisiting Phantom Power
Fault Protection”, available on our website here:
www.thatcorp.com/Design_Briefs.shtml
The part number for our recommended Schottky
diode can be found in the bill of materials included in
this document.
Jumper Options
T-Bias Jumper, J4
The input circuit provides a jumper (J4) which
enables/disables the “T-Bias” function. With a shunt
installed on J4, T-Bias is disabled and the circuit
provides a 1 kΩ common-mode input impedance per
input leg to the XLR input. With the shunt removed from
J4, T-Bias is enabled and provides a higher common
mode impedance(nominally 5.1 kΩ per input leg), which
will improve CMRR performance, particularly at low
frequencies where mismatches in the input coupling
capacitors tend to degrade it.
The differential input
impedance is 2 kΩ in both cases.
VCM Input Jumper, J6
The output attenuator (U3) is normally biased at
0 VDC via R30 connected to ground through a shunt on
jumper J6. If the J6 shunt is removed, a bias voltage
may be input via J6, e.g. the common mode voltage
output pin (VCOM) of an A/D Converter.
External SPI Host Jumpers & Connectors
The demo board has two connectors, J8 and Jl0, for
connecting up to 8 boards to an external SPI master
device, such as a microcontroller. J8 is not installed at
the factory and it is up to the user to add it if required.
Note also that current limiting resistors R34, R36, R40,
and R41 must be installed with the appropriate value for
the application.
Please contact THAT Corporation
technical support for assistance.
Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com