Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVC1000 Datasheet(PDF) 5 Page - LEM

Part # DVC1000
Description  Voltage Transducer DVC 1000
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DVC1000 Datasheet(HTML) 5 Page - LEM

  DVC1000 Datasheet HTML 1Page - LEM DVC1000 Datasheet HTML 2Page - LEM DVC1000 Datasheet HTML 3Page - LEM DVC1000 Datasheet HTML 4Page - LEM DVC1000 Datasheet HTML 5Page - LEM DVC1000 Datasheet HTML 6Page - LEM DVC1000 Datasheet HTML 7Page - LEM DVC1000 Datasheet HTML 8Page - LEM DVC1000 Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Page 5/13
17January2023/Version 3
LEM reserves the right to carry out modifications on its transducers,
in order to improve them.
LEM International SA
Route du Nant-d’Avril, 152
1217 Meyrin
www.lem.com
DVC 1000
Insulation coordination
Parameter
Symbol
Unit
≤
Value
Comment
RMS voltage for AC insulation test at 50 Hz
U
d
kV
4.26
Type test: 1mn
Routine test: 10s (100 % tested in
prod.) Both tests according to IEC
62497-1
Impulse withstand voltage 1.2/50 μs
U
Ni
kV
7.84
According to IEC 62497-1
Partial discharge RMS test voltage (q
m < 10 pC)
U
t
V
1650
According to 61800-5-1
Case material
-
-
V0
According to UL 94
Comparative tracking index
CTI
600
Between primary and secondary
Maximum RMS insulation voltage 1)
1000
600
300
CAT I & II
CAT III
CAT IV
Clearance
d
CI
mm
9.0
Shortest distance through air
Creepage distance
d
Cp
mm
9.0
Shortest path along device body
Application example
RMS voltage line-to-neutral
V
600
Basic insulation according to
IEC 61010-1, CAT III, PD2
Application example
RMS voltage line-to-neutral
V
300
Reinforced insulation according to
IEC 61010-1, CAT III, PD2
Application example
System voltage RMS
V
600
Basic insulation according to
IEC 61800-5-1, IEC 62109-1
CAT III, PD2
Application example
System voltage RMS
V
600
Reinforced insulation according to
IEC 61800-5-1, IEC 62109-1
CAT III, PD2
Application example
Rated insulation RMS voltage
V
600
Basic insulation according to
IEC 62497-1
CAT III, PD2
Application example
Rated insulation RMS voltage
U
Nm
V
500
Reinforced insulation according to
IEC 62497-1, CAT III, PD2
Operating voltage
V
1000
Insulation according to
UL 508, CAT II, PD2
Between primary and ground
Clearance
d
CI
mm
9.8
Shortest distance through air
Creepage distance
d
Cp
mm
9.8
Shortest path along device body
Application example
Rated insulation RMS voltage
V
300
Reinforced insulation according to
IEC 61010-1, CAT III, PD2
Between secondary and ground
Clearance
d
CI
mm
8.7
Shortest distance through air
Creepage distance
d
Cp
mm
8.7
Shortest path along device body
Application example
Rated insulation RMS voltage
V
300
Reinforced insulation according to
IEC 61010-1, CAT III, PD2
Note: 1) Electronic board limitation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com