Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVC1000 Datasheet(PDF) 13 Page - LEM

Part # DVC1000
Description  Voltage Transducer DVC 1000
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DVC1000 Datasheet(HTML) 13 Page - LEM

Back Button DVC1000 Datasheet HTML 5Page - LEM DVC1000 Datasheet HTML 6Page - LEM DVC1000 Datasheet HTML 7Page - LEM DVC1000 Datasheet HTML 8Page - LEM DVC1000 Datasheet HTML 9Page - LEM DVC1000 Datasheet HTML 10Page - LEM DVC1000 Datasheet HTML 11Page - LEM DVC1000 Datasheet HTML 12Page - LEM DVC1000 Datasheet HTML 13Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Page 13/13
17January2023/Version 3
LEM reserves the right to carry out modifications on its transducers,
in order to improve them.
LEM International SA
Route du Nant-d’Avril, 152
1217 Meyrin
www.lem.com
DVC 1000
Mechanical characteristics
● General tolerance
±0.5 mm
● Transducer fastening
2 holes
⌀ 4.4 mm
2 M4 steel screws
Recommended fastening torque
2.1 N
⋅m (±10 %)
● Primary and secondary connections WAGO 2061 connectors
- use a flat head screwdriver with
20 ... 16 AWG (solid or
⌀ 2.5 mm (recommended)
fine-stranded
conductor) with strip
length between 7 to
10 mm
- slowly press the connector through
the cover dedicated holes until the
wire is locked/unlocked
Note: Additional information available on request.
Dimensions (in mm)
Connection
Remarks
● I
S is positive when UHV+ − UHV− > 0 V
● The primary cables have to be routed together all the
way (< 30 m)
● The secondary cables also have to be routed together all
the way
● Installation of the transducer must be done unless
otherwise specified on the datasheet, according to LEM
Transducer Generic Mounting Rules.
Please refer to LEM document N°ANE120504 available
on our Web site:
https://www.lem.com/en/file/3137/download/
Critical distances between Primary, Secondary
and Ground are internal to
embedded electronics (see page 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com