Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVC1000 Datasheet(PDF) 11 Page - LEM

Part # DVC1000
Description  Voltage Transducer DVC 1000
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DVC1000 Datasheet(HTML) 11 Page - LEM

Back Button DVC1000 Datasheet HTML 5Page - LEM DVC1000 Datasheet HTML 6Page - LEM DVC1000 Datasheet HTML 7Page - LEM DVC1000 Datasheet HTML 8Page - LEM DVC1000 Datasheet HTML 9Page - LEM DVC1000 Datasheet HTML 10Page - LEM DVC1000 Datasheet HTML 11Page - LEM DVC1000 Datasheet HTML 12Page - LEM DVC1000 Datasheet HTML 13Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Page 11/13
17January2023/Version 3
LEM reserves the right to carry out modifications on its transducers,
in order to improve them.
LEM International SA
Route du Nant-d’Avril, 152
1217 Meyrin
www.lem.com
DVC 1000
Electrical offset referred to primary
K
O L: Overload factor
Figure 14: voltage cycle used to measure the electrical offset
(transducer supplied)
Using the voltage cycle shown in previous figure, the electrical
offset voltage U
O E is the residual output referred to primary
when the input voltage is zero.
The temperature variation U
O T of the electrical offset voltage
U
O E is the variation of the electrical offset from 25 °C to the
considered temperature.
Sensitivity and linearity
To measure sensitivity and linearity, the primary voltage (DC) is
cycled from 0 to U
P, then to −UP and back to 0 (equally spaced
U
P/10 steps). The sensitivity S is defined as the slope of the
linear regression line for a cycle between ±U
P N.
The linearity error ε
L is the maximum positive or negative
difference between the measured points and the linear
regression line, expressed in % of U
P N.
Delay times
The delay time t
D 10 @ 10 % and the delay time tD 90 @ 90 % with
respect to the primary are shown in the next figure.
Both slightly depend on the primary voltage dv/dt.
They are measured at nominal voltage.
I
S
t
D 10
t
D 90
t
90 %
10 %
100 %
U
P
U
Figure 15: delay time t
D 10 @ 10 % and delay time tD 90 @ 90 %.
Simplified transducer model
The static model of the transducer with current output at
temperature T
A is:
I
S = S ⋅ UP ⋅ (1 + ε)
In which (referred to primary):
ε
⋅ U
P = UO E + UO T + εS ⋅ UP + εS T ⋅ UP + εL(UP max) ⋅ UP max
U
P
: primary voltage (V)
U
P max
: maximum primary voltage applied to the
transducer (V)
I
S
: secondary current (A)
S
: sensitivity of the transducer
TCS
: temperature coefficient of S
T
A
: ambient operating temperature (°C)
U
O E
: electrical offset voltage (V)
U
O T
: temperature variation of U
O E (V)
ε
S
: sensitivity error at 25 °C
ε
S T
: thermal drift of S
ε
L(UP max)
: linearity error for U
P max
This model is valid for primary voltage U
P between −UP max
and +U
P max only.
This is the absolute maximum error. As all errors are
independent, a more realistic way to calculate the error would
be to use the following formula:
Total error referred to primary
The total error ε
tot is the error at ±UP N, relative to the rated value
U
P N.
It includes all errors mentioned above
● the electrical offset U
O E
● the sensitivity error ε
S
● the linearity error ε
L (to UP N).
Figure 13: Total error ε
tot
Terms and definitions
2
1
N
i
i
εε
=
=
∑
-0,02
0,00
0,02
0,04
0,06
0,08
0,10
0,12
-1
-0,5
0
0,5
1
UP / (KOL · UP N) with KOL = 1 .. 10
Total error
ℇtot
at UC = ... V and TA = 25 °C
aver. + 3σ
UO E (max) / UP N
-1
0
1
1
2
3
4
5
Step
Primary voltage cycle
P (3)
P (5)
O E
2
UU
U
+
=
( )
( )
(
)
O
O E
O E 25 C
T
U
T
U
TU
=
−
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com