Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVC1000 Datasheet(PDF) 6 Page - LEM

Part # DVC1000
Description  Voltage Transducer DVC 1000
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DVC1000 Datasheet(HTML) 6 Page - LEM

Back Button DVC1000 Datasheet HTML 2Page - LEM DVC1000 Datasheet HTML 3Page - LEM DVC1000 Datasheet HTML 4Page - LEM DVC1000 Datasheet HTML 5Page - LEM DVC1000 Datasheet HTML 6Page - LEM DVC1000 Datasheet HTML 7Page - LEM DVC1000 Datasheet HTML 8Page - LEM DVC1000 Datasheet HTML 9Page - LEM DVC1000 Datasheet HTML 10Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Page 6/13
17January2023/Version 3
LEM reserves the right to carry out modifications on its transducers,
in order to improve them.
LEM International SA
Route du Nant-d’Avril, 152
1217 Meyrin
www.lem.com
DVC 1000
Electrical data
At T
A = TA min ... TA max, ±UC = ±20 V, RM= 100 Ω, unless otherwise noted (see Min, Max, typ, definition paragraph in page 7).
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Primary nominal DC voltage (continuous)
U
P N DC
V
1000
Primary nominal AC RMS voltage (continuous)
U
P N AC
V
1000
f
≤ 100 Hz
Primary voltage, measuring range
U
P M
V
−1500
1500
Measuring resistance
R
M
Ω
0
see derating on figure 1
Secondary nominal RMS current
I
S N
mA
20
Secondary current
I
S
mA
−30
30
full primary voltage range
DC supply voltage ⎓
U
C
V
±15
±20
±24 +5 % / −7 % on voltage range
DC current consumption ⎓
I
C
mA
20
17
U
C = ±24 V, UP = 0 V @ 25 °C
U
C = ±15 V, UP = 0 V @ 25 °C
Inrush current
NA (EN 50155)
Interruptions on power supply voltage class
NA (EN 50155)
Supply change-over class
NA (EN 50155)
Power consumption U
P = 0 V @ UC
P
C
W
0.96
@ 24 V
Power consumption U
P = UP N DC @ UC
P
C
W
1.44
@ 24 V
Rise time of U
C (10 % ... 90 %)
t
rise
ms
100
Total error
ε
tot
%
−1.7
1.7
Total error
ε
tot
%
−1
1
@ 25 °C,
100 % tested in production
Electrical offset voltage referred to primary
U
O E
V
−6.00
6.00 @ 25 °C,
100 % tested in production
Temperature variation of U
O E referred to primary
U
O E T
V
−3.00
3.00
Sensitivity
S
µA/V
20
Sensitivity error
ε
S
%
−1
1
@ 25 °C
Temperature variation of sensitivity error
ε
S T
%
−0.4
0.4 referred to 25 °C
Linearity error
ε
L
% of U
P M
−0.2
0.2 @ 25 °C, ±1500 V range
RMS noise voltage 100 Hz … 100 kHz
referred to primary
U
no
mV
130
Delay time @ 10 % of the final output value
U
P N step
t
D 10
µs
5
Delay time @ 90 % of the final output value
U
P N step
t
D 90
µs
12
Frequency bandwidth (−3 dB)
(−1 dB)
BW
kHz
35
20
Start-up time
t
start
ms
20
Resistance of primary circuit
R
P
MΩ
12.6
Total primary power loss @ U
P N
P
P
W
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com