Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVC1000 Datasheet(PDF) 8 Page - LEM

Part # DVC1000
Description  Voltage Transducer DVC 1000
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DVC1000 Datasheet(HTML) 8 Page - LEM

Back Button DVC1000 Datasheet HTML 4Page - LEM DVC1000 Datasheet HTML 5Page - LEM DVC1000 Datasheet HTML 6Page - LEM DVC1000 Datasheet HTML 7Page - LEM DVC1000 Datasheet HTML 8Page - LEM DVC1000 Datasheet HTML 9Page - LEM DVC1000 Datasheet HTML 10Page - LEM DVC1000 Datasheet HTML 11Page - LEM DVC1000 Datasheet HTML 12Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Page 8/13
17January2023/Version 3
LEM reserves the right to carry out modifications on its transducers,
in order to improve them.
LEM International SA
Route du Nant-d’Avril, 152
1217 Meyrin
www.lem.com
DVC 1000
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
200
400
600
800
1000
Measuring range (V)
Figure 1: Maximum measuring resistance
Figure 2: Supply current function of temperature
Typical performance characteristics
Figure 3: Total error in temperature
Figure 4: Electrical offset thermal drift
Figure 5: Sensitivity thermal drift
Figure 6: Typical linearity error at 25 °C
TA = -40 ... 85°C
− 67
) Ω
U
P
R
M max = (
465000
0
5
10
15
20
25
-40
-20
0
20
40
60
80
100
Ambient temperature (°C)
Uc = +/-24V
Uc = +/-15V
-1.8
-1.4
-1
-0.6
-0.2
0.2
0.6
1
1.4
1.8
-50
-25
0
25
50
75
100
Ambient temperature (°C)
Max
Typical
Min
-60
-40
-20
0
20
40
60
-50
-25
0
25
50
75
100
Ambient temperature
Max
Typical
Min
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
Ambient temperature (°C)
Max
Typical
Min
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
-1500
-1000
-500
0
500
1000
1500
Primary voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com