Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVC1000 Datasheet(PDF) 12 Page - LEM

Part # DVC1000
Description  Voltage Transducer DVC 1000
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DVC1000 Datasheet(HTML) 12 Page - LEM

Back Button DVC1000 Datasheet HTML 5Page - LEM DVC1000 Datasheet HTML 6Page - LEM DVC1000 Datasheet HTML 7Page - LEM DVC1000 Datasheet HTML 8Page - LEM DVC1000 Datasheet HTML 9Page - LEM DVC1000 Datasheet HTML 10Page - LEM DVC1000 Datasheet HTML 11Page - LEM DVC1000 Datasheet HTML 12Page - LEM DVC1000 Datasheet HTML 13Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Page 12/13
17January2023/Version 3
LEM reserves the right to carry out modifications on its transducers,
in order to improve them.
LEM International SA
Route du Nant-d’Avril, 152
1217 Meyrin
www.lem.com
DVC 1000
Rail DIN mounting
1. Place DVC on DIN rail adaptor support respecting
the
2 Poka-Yoke features
2. Tighten the
2 PT screws from the adaptor kit (torque = 0.4 N⋅m ±20 %)
3. Place
DIN rail lower edge inside DIN rail adaptor support lower notch
4. Help the blue spring lock to
move up with a flat screwdriver
5. Then
rotate transducer to place it on the rail
6. When placed, relax the force applied with screwdriver
7. Manually test that transducer is well fixed.
Rail DIN Kit reference number 93.30.R2.000.0 to be ordered seperatly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com