Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MLFST Datasheet(PDF) 122 Page - NXP Semiconductors

Part # S32K311NHT0MLFST
Description  Data is preliminary
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MLFST Datasheet(HTML) 122 Page - NXP Semiconductors

Back Button S32K311NHT0MLFST Datasheet HTML 118Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 119Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 120Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 121Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 122Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 123Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 124Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 125Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 126Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 142 page
background image
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting
side (board) temperature, ambient temperature, air flow, power dissipation or other components on the board, and
board thermal resistance.
NOTE
14.2 Thermal characteristics
Thermal Design and Characteristics
• Junction temperature of the device does not solely depend on package thermal resistance but is also a function of chip
power dissipation, PCB attributes, environmental conditions (ambient temperature & air flow) and cumulative effects of
other heat generating ICs on the PCB.
• The appropriate thermal design must be carried out on package so that it can safely dissipate the necessary amount of
power needed for it to function properly without exceeding the maximum junction temperature. This may involve adding a
cooling solution on the package, creating thermal enhancements on the PCB and improving environmental conditions.
• The customer is encouraged to use the package model to perform design and risk assessment through simulations.
Package models in FloTHERM or Icepak formats can be obtained under NDA from the sales team.
Thermal Ratings
• The table below is the package thermal ratings for LQFP, HDQFP & MAPBGA package variants. These numbers are
derived through simulations based on standardized tests as described in the footnotes.
• Thermal resistance data in this report is solely for a thermal performance comparison of one package to another in a
standardized specified environment. It is not meant to predict the performance of a package in an application-specific
environment :
NXP Semiconductors
Thermal Attributes
S32K3xx Data Sheet, Rev. 9, 01/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
122 / 142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com