Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MLFST Datasheet(PDF) 125 Page - NXP Semiconductors

Part # S32K311NHT0MLFST
Description  Data is preliminary
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MLFST Datasheet(HTML) 125 Page - NXP Semiconductors

Back Button S32K311NHT0MLFST Datasheet HTML 121Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 122Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 123Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 124Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 125Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 126Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 127Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 128Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 129Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 142 page
background image
Rev 9, January 2024
• In Recommneded Decoupling capacitors diagrams and SMPS Circuit updated "VDD_HV_SMPS" to "VDD_DCDC".
• In Table. "V15 regulator (SMPS option) electrical specifications" added symbol "L_SMPS" for External coil inductance and
"D_SMPS" for External Schottky diode average forward current.
• Added IBCTL label in "Ballast circuit" figure.
• In "V11 regulator (NMOS ballast transistor control) electrical specifications" added new spec "VTH_NMOS" for 5.0 V supply
and updated Max value to "1.5" for VTH spec for 3.3 V supply.
• In "Supply currents" section , added values for "S32K358, S32K348, S32K338, S32K328".
• In RUN mode supply currents (peripherals disabled) for S32K3x8, deleted values from "
Min. Config. [Clock Option A+] Triple Core @240 MHz " for S32K358, S32K348, S32K338, S32K328 variants.
• In GPIO DC electrical specifications:-
— Updated footnote "I/O timing specifications are valid for the un-terminated 50ohm..." and figure related to it with correct
load details.
— Updated the conditions for FMAX specs.
• In "GPIO DC electrical specifications, 3.3V Range (2.97V - 3.63V)", added spec "FMAX_33_F" with max frequency
125 MHz.
• In GPIO Output AC electrical specifications, updated spec values and added new footnotes and figure.
• In "GPIO DC electrical specifications, 3.3V Range (2.97V - 3.63V)" and "GPIO DC electrical specifications, 5.0V (4.5V -
5.5V)", updated the max and min values of ILKG parameters.
• Updated table "FIRC" mentioning FACC +/-5% for all K3xx devices.
• Updating figure title to "S32K310: ASIL B Single Core 512 KB General Purpose MCU".
• In "FXOSC":
— Added note "To improve the FXOSC & PLL jitter performance..."
— Updated the footnote "To improve the FXOSC jitter & duty cycle performance.."
• In "PLL", updated min value for "FPLL_out" from 48 to 25 MHz.
• In LPSPI, updated the output loads.
• In "LPSPI2 and LPSPI5 20MHz combination for S32K388", added new table "LPSPI2 and LPSPI0 20MHz combination
for S32K388".
• In "LPSPI"
— Updating min values of tLEAD/tLAG to ""tSPCK/2" for LPSPI Slave mode.
— For "tWPSCK", removed "high or low" from description.
— Updated information "All measurements are with maximum output load of 30pf.." at the top of the table.
— Removed Rise/Fall time output specs.
— Added footnotes "Output rise/fall time is determined by the output load and GPIO pad drive strength setting..." and
"The input rise/fall time specification applies to both clock and data..."
— Added "tV" and "tHO" spec with condition "Master Loopback, S32K388 LPSPI2 and LPSPI5 @20MHz"
— For "tV" with max value "17.5" ns, updated condition to ""Master Loopback, applies to all devices LPSPI0 @20 MHz"
Table continues on the next page...
NXP Semiconductors
Revision history
S32K3xx Data Sheet, Rev. 9, 01/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
125 / 142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com