Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MLFST Datasheet(PDF) 128 Page - NXP Semiconductors

Part # S32K311NHT0MLFST
Description  Data is preliminary
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MLFST Datasheet(HTML) 128 Page - NXP Semiconductors

Back Button S32K311NHT0MLFST Datasheet HTML 124Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 125Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 126Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 127Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 128Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 129Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 130Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 131Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 132Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 142 page
background image
Rev 7, Apr 2023
• Updated S32K312 and S32K388 block diagram.
• QFP package references updated to HDQFP.
• In section "Absolute maximum ratings" added footnote to VDD_DCDC as "Voltage at VDD_DCDC cannot be higher than
VDD_HV_A".
• In section "Voltage and current operating requirements" added footnote to V15 as "Min and Max values are applicable
only for non-SMPS mode where V15 is sourced externally".
• Updated descriptions and condition in following sections:
— Boot time, HSE firmware not installed
— Boot time, HSE firmware installed
— HSE firmware memory verification time examples
• In section "Recommended Decoupling Capacitors" updated variants for COUT V11.
• In section "V15 regulator (SMPS option) electrical specifications" added CBULK_SMPS.
• In section "V15 regulator (BJT option, NPN ballast transistor control) electrical specifications" added V15 input.
• In section "SAR ADC" updated paragraph "All below specs are applicable...". and added footnote to TUE as "Spec valid
if potential difference between VDD_HV_A.." amd figure updated to show VDD_HV_A instead of VREFH.
• In LPCMP section changed ACMP0 to LPCMP0.
• In PLL added paragraph to mention Auxilliary PLL applicability and footnote updated to mention "Accumulated jitter
specification is not valid with SSCG".
• In PLL added CLKIN_VIL_EXTAL_BYPASS and CLKIN_VIH_EXTAL_BYPASS specifications.
• Added section "Communication between two S32K388 devices".
• In section "Ethernet MII (100 Mbps)" updated specification for 10 and 100 Mbps.
• In section "Ethernet RGMII" added paragraph "The following timing specs are defined at the device".
• In section "MDIO timing specifications" updated MDC3 for GPIO[113]pad of S32K388.
• Added following QuadSPI modes for S32K388:
— QuadSPI Quad 3.3V SDR 103.33MHz
— QuadSPI Quad 3.3V SDR 125MHz
• In QuadSPI modes, mentioned the applicability to the devices in K3 family.
• In "Debug trace timing specifications" section added row for 125 MHz for S32K388.
• Updated "Thermal characteristics" to add information on Thermal design and characterstics.
Rev 6, Nov 2022
• Added S32K388 decoupling capacitor diagrams.
• In section "Power mode transition operating behavior" tMODE_STDBYEXIT time is added as 80 us.
• In "V15 regulator (SMPS option) electrical specifications" section changed V15 output supply from 1.51V to 1.5V.
• In "5.0V (4.5V - 5.5V) GPIO Output AC Specification"
— TR_TF_50_F with condition DSE=1, SRE=0, Capacitance=25pF changed from 0.9 to 1.9 ns.
NXP Semiconductors
Revision history
S32K3xx Data Sheet, Rev. 9, 01/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
128 / 142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com