Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MLFST Datasheet(PDF) 126 Page - NXP Semiconductors

Part # S32K311NHT0MLFST
Description  Data is preliminary
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MLFST Datasheet(HTML) 126 Page - NXP Semiconductors

Back Button S32K311NHT0MLFST Datasheet HTML 122Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 123Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 124Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 125Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 126Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 127Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 128Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 129Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 130Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 142 page
background image
Rev 9, January 2024
— For "tHO" with min value "-2" ns, updated condition to ""Master Loopback, applies to all devices LPSPI0 @20 MHz"
— Updated LPSPI timing diagrams with 50/50 levels.
• In "LPSPI" and "Timing specification for S32K388 to S32K388", updated information from "All timing is shown
with respect to 20% VDD_HV_A/B and 80% VDD_HV_A/B thresholds" to "All timing is shown with respect to 50%
VDD_HV_A/B thresholds."
• Added information "Valid pin combinations to be referred from K3xx*_Use sheet in IOmux." in all SAI, uSHDC, QSPI and
Ethernet modes.
• Added information "Data transitions measured at 30%/70% supply for the write path. Data transitions measured at
mid-supply for the read path. Clock transitions measured at mid-supply." in all QSPI modes.
• Changed footer to "Preliminary Information for S32K388"
• Updated Preliminary Information for S32K388 throughout the data sheet.
• In "HSE Firmware memory verification time examples" table, there are some TBC's. Those will be updated in the next
revision as new measurements showed different timings. There is no major performance degradation to be expected.
• Added information in section "LPSPI 20 MHz and 15MHz combinations", and removed S32K344 PAD TYPE column from
Table. "LPSPI 20 MHz and 15MHz combinations".
• Added new section "LPSPI2 and LPSPI5 20MHz combination for S32K388".
• In "Timing specification for S32K388 to S32K388", updated maximum output load from 30pF to 50pF.
• In "Ethernet RGMII", updated footnote to "Output timing valid for maximum external load CL = 13.5 pF (includes PCB trace,
package trace (around 2pF) and flash input load)...."
• In "QuadSPI Octal 3.3V DDR 120MHz", for spec "fSCK_DQS", updated condition from "DLL and Auto-Learning mode
enabled" to "DLL enabled"
• In section "uSDHC SDR electrical specifications":
— Updated description for "fpp" spec.
— Updated condition for "tOD" with description "SDHC Output delay(Output valid)"
— Added 2 rows of spec "tOD" with value "-5.6" and description ""fpp= 25 MHz, 400 KHz,..." and "fpp= 50 MHz, SDHC_
CLK to SDHC_CMD".
— Updated min value for spec "tIH" to 2 ns.
— Removed footnote " In low speed mode, card clock must be lower than 400 kHz, voltage ranges from 2.7V to 3.6V."
• In '"uSDHC" modes :
— Added information "Data transitions measured at 25%/62.5% at 3.3V for the write path. Data transitions measured at
mid-supply for the read path. Clock transitions measured at mid-supply."
— Removed footnote "Input timing assumes an input signal slew rate of 3ns (20%/80%)" from "uSDHC SDR electrical
specifications" and "uSDHC DDR electrical specifications" table. Added input transition of 1ns (20%/80%) information
to top of the table.
• In section "uSDHC DDR electrical specifications", removed spec "fpp" with description "Clock frequency (SD3.0 DDR)".
• In uSDHC SDR and uSDHC DDR electrical specifications updated footnote to "Output timing valid for maximum external
load CL = 25 pF..."
NXP Semiconductors
Revision history
S32K3xx Data Sheet, Rev. 9, 01/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
126 / 142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com