Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1621 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SS1621
Description  RAM MAPPING 32 X 4 LCD CONTROLLER FOR I/O UC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SS1621 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SS1621 Datasheet HTML 7Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 8Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 9Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 10Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 11Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 12Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 13Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 14Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SS1621
p. 13
Last update: 2008-06-03 04:36
Application Circuits
Host controller with a SS1621 display system
Note: The connection of IRQ and RD pin can be selected depending on the requirement of the μC.
The voltage applied to V
LCD pin must be lower than VDD.
Adjust VR to fit LCD display, at V
DD=5V, VLCD=4V, VR=15kΩ+20%
Adjust R (external pull-high resistance) to fit user’s time base clock.
DATA
OSCI
OSCO
COM0 COM3
~
SEG0 SEG31
~
VLCD
VDD
BZ
1/2 or 1/3 Bias; 1/2, 1/3 or 1/4 Duty
LCD PANEL
μC
SS1621
Clock Out
External Clock 1
External Clock 2
On-chip OSC
Crystal
32768Hz
R
*
*
VR
*
Piezo
BZ
IRQ
WR
RD
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com