Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1621 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SS1621
Description  RAM MAPPING 32 X 4 LCD CONTROLLER FOR I/O UC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SS1621 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SS1621 Datasheet HTML 3Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 4Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 5Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 6Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 7Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 8Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 9Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 10Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SS1621
p. 7
Last update: 2008-06-03 04:36
Functional Description
Display memory – RAM
The static display memory (RAM) is or-
ganized into 32x4 bits and stores the dis-
played data. The contents of the RAM are di-
rectly mapped to the contents of the LCD
driver. Data in the RAM can be accessed by
the
READ,
WRITE,
and
READ-MODIFY-WRITE commands. The
following is a mapping from the RAM to the
LCD pattern:
System oscillator
The SS1621 system clock is used to
generate the time base/Watchdog Timer
(WDT) clock frequency, LCD driving clock,
and tone frequency. The source of the clock
may be from an on-chip RC oscillator
(256kHz), a crystal oscillator (32.768kHz), or
an external 256kHz clock by the S/W setting.
The configuration of the system oscillator is
as shown. After the SYS DIS command is
executed, the system clock will stop and the
LCD bias generator will turn off. That com-
mand is, however, available only for the
COM3
COM2
COM1
COM0
SEG0
0
SEG1
1
SEG2
2
SEG3
3
SEG31
31
D3
D2
D1
D0
Data
Addr
Address 6 bits
(A5, A4, …, A0)
Data 4 bits
(D3, D2, D1, D0)
RAM mapping
Crystal Oscillator
32768Hz
External Clock Source
256kHz
On-chip RC Oscillator
256kHz
OSCI
OSCO
1/8
System
Clock
System oscillator configuration
90%
50%
10%
tCLK
tf
tf
tCLK
GND
VDD
Figure 1
50%
tsu1
th1
tCS
GND
VDD
Figure 3
GND
VDD
50%
FIRST
Clock
LAST
Clock
50%
th
VALID DATA
GND
VDD
Figure 2
GND
VDD
50%
DB
tSU
WR, RD
Clock
WR, RD
Clock
WR, RD
Clock
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com