Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1621 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # SS1621
Description  RAM MAPPING 32 X 4 LCD CONTROLLER FOR I/O UC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SS1621 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button SS1621 Datasheet HTML 7Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 8Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 9Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 10Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 11Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 12Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 13Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 14Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
SS1621
p. 14
Last update: 2008-06-03 04:36
Command Summary
Name
ID
Command Code
D/C
Function
Def.
READ
11 0 A5A4A3A2A1A0D0D1D2D3
D Read data from the RAM
WRITE
10 1 A5A4A3A2A1A0D0D1D2D3
D Write data to the RAM
READ-MODIFY-WRITE
10 1 A5A4A3A2A1A0D0D1D2D3
D READ and WRITE to the RAM
SYS DIS
10 0 0000-0000-X
C
Turn off system oscillator and LCD
bias generator
Yes
SYS EN
10 0 0000-0001-X
C Turn on system oscillator
LEC OFF
10 0 0000-0010-X
C Turn off LCD bias generator
Yes
LCD ON
10 0 0000-0011-X
C Turn on LCD bias generator
TIMER DIS
10 0 0000-0100-X
C Disable time base output
WDT DIS
10 0 0000-0101-X
C Disable WDT time-out flag output
TIMER EN
10 0 0000-0110-X
C Enable time base output
WDT EN
10 0 0000-0111-X
C Enable WDT time-out flag output
TONE OFF
10 0 0000-1000-X
C Turn off tone outputs
Yes
TONE ON
10 0 0000-1001-X
C Turn on tone outputs
CLR TIMER
10 0 0000-11XX-X
C
Clear the contents of time base gen-
erator
CLR WDT
10 0 0000-111X-X
C Clear the contents of WDT stage
XTAL 32K
10 0 0001-01XX-X
C
System clock source, crystal oscil-
lator
RC 256K
10 0 0001-10XX-X
C
System clock source, external clock
source
Yes
EXT 256K
10 0 0001-11XX-X
C
System clock source, external clock
source
LCD 1/2 bias option
ab=00:2 commons option
ab=01:3 commons option
BLAS 1/2
10 0 0010-abX0-X
C
ab=10:4 commons option
LCD 1/3 bias option
ab=00:2 commons option
ab=01:3 commons option
BLAS 1/3
10 0 0010-abX1-X
C
ab=10:4 commons option
TONE 4K
10 0 010X-XXXX-X
C Tone frequency, 4kHz
TONE 2K
10 0 011X-XXXX-X
C Tone frequency, 2kHz
IRQ DIS
10 0 100X-0XXX-X
C Disable IRQ output
Yes
IRQ EN
10 0 100X-1XXX-X
C Enable IRQ output
Time base/WDT clock
Output: 1Hz
F1
10 0 101X-X000-X
C
The WDT time-out flag after: 4s
Time base/WDT clock
F2
10 0 101X-X001-X
C
Output: 2Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com