Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1621 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SS1621
Description  RAM MAPPING 32 X 4 LCD CONTROLLER FOR I/O UC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SS1621 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SS1621 Datasheet HTML 1Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 2Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 3Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 4Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 5Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 6Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 7Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 8Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
p. 1
Last update: 2008-06-03 16:06
***********************************************************************************************************
General Descriptions
The SS1621 is a 128-pattern (32x4), memory mapping, and multi-function LCD driver. The
S/W configuration feature of the SS1621 makes it suitable for multiple LCD applications including
LCD modules and display subsystems. Only three or four lines are required for the interface be-
tween the host controller and the SS1621. The SS1621 contains a power down command to reduce
power consumption.
Features
•
Operating voltage: 2.4V~5.2V.
•
Built-in 256kHz RC oscillator.
•
External 32.768kHz crystal or 256kHz frequency source input.
•
Selection of 1/2 or 1/3 bias, and selection of 1/2 or 1/3 or 1/4 duty LCD applications.
•
Internal time base frequency sources.
•
Two selectable buzzer frequencies (2kHz/4kHz).
•
Built-in time base generator and WDT.
•
Time base or WDT overflow output.
•
Power down command reduces power Consumption.
•
8 kinds of time base/WDT clock sources.
•
32x4 LCD driver.
•
Built-in 32x4 bit display RAM.
•
3-wire serial interface.
•
Internal LCD driving frequency source.
•
Software configuration feature.
•
Data mode and command mode instructions.
•
R/W address auto increment.
•
Three data accessing modes.
•
VLCD pin for adjusting LCD operating voltage.
RAM Mapping 32 X 4 LCD Controller for I/O uC


Similar Part No. - SS1621

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS16 PANJIT-SS16 Datasheet
66Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Surge Components
SS16 SURGE-SS16 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
SS16 TRSYS-SS16 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS16 JGD-SS16 Datasheet
171Kb / 2P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SS16 SSE-SS16 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS1621

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1627 HOLTEK-HT1627 Datasheet
151Kb / 17P
RAM Mapping 64x16 LCD Controller for I/O C
April 21, 2000
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
RAM Mapping 32x4 LCD Controller for I/O MCU
August 6, 2003
logo
List of Unclassifed Man...
ESC1621 ETC-ESC1621 Datasheet
56Kb / 7P
RAM Mapping 32 X 4 LCD Controller for I/O uC
logo
Holtek Semiconductor In...
HT16220 HOLTEK-HT16220_04 Datasheet
140Kb / 13P
RAM Mapping 328 LCD Controller for I/O MCU
May 19, 2004
HT1620 HOLTEK-HT1620_09 Datasheet
135Kb / 16P
RAM Mapping 324 LCD Controller for I/O MCU
July 27, 2009
HT1621 HOLTEK-HT1621_09 Datasheet
186Kb / 21P
RAM Mapping 324 LCD Controller for I/O MCU
October 28, 2009
HT1622 HOLTEK-HT1622_09 Datasheet
144Kb / 17P
RAM Mapping 328 LCD Controller for I/O MCU
June 9, 2009
HT16220 HOLTEK-HT16220_09 Datasheet
145Kb / 15P
RAM Mapping 328 LCD Controller for I/O MCU
October 12, 2009
HT1621 HOLTEK-HT1621_10 Datasheet
206Kb / 21P
RAM Mapping 324 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_11 Datasheet
146Kb / 16P
RAM Mapping 324 LCD Controller for I/O MCU
April 29, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com