Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1621 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SS1621
Description  RAM MAPPING 32 X 4 LCD CONTROLLER FOR I/O UC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SS1621 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SS1621 Datasheet HTML 1Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 2Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 3Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 4Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 5Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 6Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 7Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 8Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SS1621
p. 5
Last update: 2008-06-03 04:36
Absolute Maximum Ratings
Supply Voltage…………...…..…-0.3V ~ 5.5V
Input Voltage……… V
SS - 0.3V ~ VDD + 0.3V
Storage Temperature……………-50°C ~ 125°C
Operating Temperature…………..-25°C ~ 75°C
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maxi-
mum Ratings” may cause substantial damage to the device. Functional operation of this de-
vice at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Test Conditions
Symbol
Parameter
VDD
Conditions
Min.
Typ.
Max.
Unit
V
DD
Operating Voltage
—
—
2.4
—
5.2
V
3V
—
150
300
µA
I
DD1
Operating Current
5V
No load/LCD ON
On-chip RC oscillator
—
300
600
µA
3V
—
60
120
µA
I
DD2
Operating Current
5V
No load/LCD ON
Crystal oscillator
—
120
240
µA
3V
—
100
200
µA
I
DD3
Operating Current
5V
No load/LCD ON
External clock source
—
200
400
µA
3V
—
0.1
5
µA
I
STB
Standby Current
5V
No load
Power down mode
—
0.3
10
µA
3V
0
—
0.6
V
V
IL
Input Low Voltage
5V
DATA, WR, CS, RD
0
—
1.0
V
3V
2.4
—
3.0
V
V
IH
Input High Voltage
5V
DATA, WR, CS, RD
4.0
—
5.0
V
3V
V
OL=0.3V
0.5
1.2
—
mA
I
OL1
DATA, BZ, BZ,
IRQ
5V
V
OL=0.5V
1.3
2.6
—
mA
3V
V
OH=2.7V
-0.4
-0.8
—
mA
I
OH1
DATA, BZ, BZ
5V
V
OH=4.5 V
-0.9
-1.8
—
mA
3V
V
OL=0.3V
80
150
—
µA
I
OL2
LCD Common Sink Current
5V
V
OL=0.5V
150
250
—
µA
3V
V
OH=2.7V
-80
-120
—
µA
I
OH2
LCD Common Source Cur-
rent
5V
V
OH=4.5 V
-120
-200
—
µA
3V
V
OL=0.3V
60
120
—
µA
I
OL3
LCD Segment Sink Current
5V
V
OL=0.5V
120
200
—
µA
3V
V
OH=2.7V
-40
-70
—
µA
I
OH3
LCD Segment Source Cur-
rent
5V
V
OH=4.5 V
-70
-100
—
µA
3V
40
80
150
kΩ
R
PH
Pull-high Resistor
5V
DATA, WR, CS, RD
30
60
100
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com