Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1621 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SS1621
Description  RAM MAPPING 32 X 4 LCD CONTROLLER FOR I/O UC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SS1621 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SS1621 Datasheet HTML 1Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 2Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 3Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 4Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 5Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 6Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 7Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 8Page - List of Unclassifed Manufacturers SS1621 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SS1621
p. 4
Last update: 2008-06-03 04:36
PIN Description
PIN Name
I/O
Function
CS
I
Chip selection input with pull-high resistor
When the
CS is logic high, the data and command read from or written
to the SS1621 are disabled. The serial interface circuit is also reset. But
if
CS is at logic low level and is input to the CS pad, the data and com-
mand transmission between the host controller and the SS1621 are all
enabled.
RD
I
READ clock input with pull-high resistor
Data in the RAM of the SS1621 are clocked out on the falling edge of
the RD signal. The clocked out data will appear on the DATA line. The
host controller can use the next rising edge to latch the clocked out data.
WR
I
WRITE clock input with pull-high resistor
Data on the DATA line are latched into the SS1621 on the rising edge of
the WR signal.
DATA
I/O
Serial data input/output with pull-high resistor
GND
—
Negative power supply, ground
OSCO
O
OSCI
I
The OSCI and OSCO pads are connected to a 32.768kHz crystal in order
to generate a system clock. If the system clock comes from an external
clock source, the external clock source should be connected to the OSCI
pad. But if and on-chip RC oscillator is selected instead, the OSCI and
OSCO pads can be left open.
VLCD
I
LCD power input
VDD
—
Positive power supply
IRQ
O
Time base or WDT overflow flag, NMOS open drain output
BZ, BZ
O
2kHz or 4kHz tone frequency output pair
COM0~COM3
O
LCD common outputs
SEG0~SEG31
O
LCD segment outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com