Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3293 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST3293
Description  RS-422 HIGH SPEED TRANSCEIVER WITH DIGITAL EMPHASIS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3293 Datasheet(HTML) 2 Page - STMicroelectronics

  ST3293 Datasheet HTML 1Page - STMicroelectronics ST3293 Datasheet HTML 2Page - STMicroelectronics ST3293 Datasheet HTML 3Page - STMicroelectronics ST3293 Datasheet HTML 4Page - STMicroelectronics ST3293 Datasheet HTML 5Page - STMicroelectronics ST3293 Datasheet HTML 6Page - STMicroelectronics ST3293 Datasheet HTML 7Page - STMicroelectronics ST3293 Datasheet HTML 8Page - STMicroelectronics ST3293 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ST3293
2/11
PIN CONFIGURATION
PIN DESCRIPTION
TRUTH TABLE
TRANSMITTING INPUTS
X= Don’t Care; Z=High Impedance
PlN N°
SYMBOL
NAME AND FUNCTION
1
C0
Emphasis Control Input 0
2
C1
Emphasis Control Input 1
3
C2
Emphasis Control Input 2
4
PVCC
Supply Voltage
5
RO
Receiver Output
6
DI
Driver Input
7
PGND
Ground
8
Y
Non-inverting Driver Output
9
Z
Inverting Driver Output
10
B
Inverting Receiver Input
11
A
Non-inverting Receiver Input
12
PE
Emphasis Enable
13
LGND
Ground
14
LVCC
Supply Voltage
INPUTS
OUTPUTS
EMPHASIS STATUS
PE
DI
PECTRL
L
X
L
Disabled
H
0->1
H
Enabled
H
1->0
H
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com