Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3293 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST3293
Description  RS-422 HIGH SPEED TRANSCEIVER WITH DIGITAL EMPHASIS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3293 Datasheet(HTML) 4 Page - STMicroelectronics

  ST3293 Datasheet HTML 1Page - STMicroelectronics ST3293 Datasheet HTML 2Page - STMicroelectronics ST3293 Datasheet HTML 3Page - STMicroelectronics ST3293 Datasheet HTML 4Page - STMicroelectronics ST3293 Datasheet HTML 5Page - STMicroelectronics ST3293 Datasheet HTML 6Page - STMicroelectronics ST3293 Datasheet HTML 7Page - STMicroelectronics ST3293 Datasheet HTML 8Page - STMicroelectronics ST3293 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ST3293
4/11
DRIVER ELECTRICAL CHARACTERISTICS
(VCC = 5V ± 5%, -40°C < TA < 85°C, unless otherwise noted. Typical values are referred to Ta = 25°C)
RECEIVER DC ELECTRICAL CHARACTERISTICS
(VCC = 5V ± 5%, -40°C < TA < 85°C, unless otherwise noted. Typical values are referred to Ta = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
|VOD|
Differential Output Voltage
No Load
2
VCC
V
|VOD1| Differential Output Voltage
without Emphasis
R=100
Ω, PE = Low
2
2.32
2.8
V
DPER
Differential Output
Emphasis Step Precision
See Truth Table
0.9
1.1
DEF
Differential Output
Emphasis Factor
See Truth Table
1
2
|VOPD| Differential Driver Output
with Emphasis
R=100
Ω, DEF = 1.1
2.52
V
R=100
Ω, DEF = 1.7
3.85
∆V
OD
Change in Magnitude of
Differential Output Voltage
R=100
Ω, All DEF values
-0.2
0
0.2
V
VOC
Driver Common-Mode
Output Voltage
R=100
Ω, All DEF values
1
VCC/2
3.5
V
∆V
OC
Change in Magnitude of
Common Mode Output
Voltage
R=100
Ω
-0.2
0
0.2
V
IOFF
Output Leakage Current
(Y and Z)
VCC = GND VO = 6V
0.1
±100
µA
IOSD
Driver Short Circuit Output
Current
VO =0V,
C0 = C1 = C2 = 0
-30
-50
-150
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTH
Receiver Differential
Threshold Voltage
-7V
≤ V
CM ≤ 7V
-200
200
mV
VHYST Receiver Input Hysteresis
VCM =0V
50
mV
VOL
Low Level Output Voltage
IOL = 4mA
GND
0.2
0.4
mV
VOH
High Level Output Voltage
IOH = -4mA
3.7
4.7
VCC
mV
IIN
Input Current
VIN=10V, Other Input = GND
0.32
1.5
mA
VIN=10V, Other Input = GND
-0.5
-2.5
RIN
Receiver Input Resistance
-7V
≤ V
CM ≤ 7V, VCC =0V
12
24
K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com