Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3293 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3293
Description  RS-422 HIGH SPEED TRANSCEIVER WITH DIGITAL EMPHASIS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3293 Datasheet(HTML) 1 Page - STMicroelectronics

  ST3293 Datasheet HTML 1Page - STMicroelectronics ST3293 Datasheet HTML 2Page - STMicroelectronics ST3293 Datasheet HTML 3Page - STMicroelectronics ST3293 Datasheet HTML 4Page - STMicroelectronics ST3293 Datasheet HTML 5Page - STMicroelectronics ST3293 Datasheet HTML 6Page - STMicroelectronics ST3293 Datasheet HTML 7Page - STMicroelectronics ST3293 Datasheet HTML 8Page - STMicroelectronics ST3293 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
January 2003
s
FULL DUPLEX COMMUNICATIONS DEVICE
RS-422
s
PROGRAMMABLE EMPHASIS INCREASES
THEDISTANCE AND DATARATE
s
HIGH SPEED: DATA RATE UP TO 25Mbps
s
-7V TO 7V COMON-MODE INPUT VOLTAGE
RANGE
s
LVTTL LOGIC INPUT THRESHOLDS
DESCRIPTION
The ST3293 is a high-speed RS-422 transceiver
with an emphasis circuitry on the driver which
allows reliable long distance communication at
high
data
rate
by
reducing
inter
symbolic
interference. The differential amplitude of the
ST3293 is digitally programmable in 7 steps
through 3 control pins. The emphasis reduces the
inter symbolic interference by increasing the
signal amplitude under the micro control and
counteracting the effects of the cable with the
varying data stream. The ST3293 is a full duplex
device that operates from a single +5V supply. It
features driver output short circuit current limiting
and an open circuit fail-safe receiver input. The PE
input can be used as an emphasis enable. The PE
held LOW disable the emphasis instead set to
HIGH enable the emphasis with the configuration
on C0, C1 and C2 when DI change logic level. The
DI input can direct drive the outputs with a fixed
emphasis or without emphasis as shown in the
timing diagram.
ORDERING CODES
Type
Temperature
Range
Package
Comments
ST3293BD
-40 to 85 °C
SO-14 (Tube)
50 parts per tube / 20 tube per box
ST3293BDR
-40 to 85 °C
SO-14 (Tape & Reel)
2500 parts per reel
ST3293
RS-422 HIGH SPEED TRANSCEIVER
WITH DIGITAL EMPHASIS
SOP


Similar Part No. - ST3293

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
ST3215SB KSS-ST3215SB Datasheet
105Kb / 1P
3.2횞1.5mm for Consumer/ Mobile Equipment
ST3215SB32768C0HPWBB KSS-ST3215SB32768C0HPWBB Datasheet
47Kb / 1P
3.2횞1.5mm for Consumer/ Mobile Equipment
ST3215SB32768E0HPWBB KSS-ST3215SB32768E0HPWBB Datasheet
47Kb / 1P
3.2횞1.5mm for Consumer/ Mobile Equipment
logo
AVX Corporation
ST3215SB32768H5HPWAA AVX-ST3215SB32768H5HPWAA Datasheet
115Kb / 1P
Surface Mount Type: Tuning Fork ST3215SB
logo
Kyocera Kinseki Corpota...
ST3215SB32768H5HPWAA KSS-ST3215SB32768H5HPWAA Datasheet
47Kb / 1P
3.2횞1.5mm for Consumer/ Mobile Equipment
More results

Similar Description - ST3293

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST490A STMICROELECTRONICS-ST490A Datasheet
203Kb / 11P
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
Nov-2002
ST491A STMICROELECTRONICS-ST491A Datasheet
269Kb / 12P
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
Jul-2003
logo
Maxim Integrated Produc...
MAX3362 MAXIM-MAX3362 Datasheet
315Kb / 14P
3.3V, High-Speed, RS-485/RS-422 Transceiver in SOT Package
19-2218; Rev 1; 5/02
logo
STMicroelectronics
ST485A STMICROELECTRONICS-ST485A Datasheet
254Kb / 19P
Very high speed low power RS-485/RS-422 transceiver
28-Mar-2006
ST490A STMICROELECTRONICS-ST490A_06 Datasheet
210Kb / 17P
Low power high speed RS-485/RS-422 transceiver
04-May-2006
ST491A STMICROELECTRONICS-ST491A_07 Datasheet
239Kb / 17P
Low power high speed RS-485/RS-422 transceiver
28-May-2007
ST485AB STMICROELECTRONICS-ST485AB_07 Datasheet
717Kb / 19P
Very high speed low power RS-485/RS-422 transceiver
24-Aug-2007
ST490AB STMICROELECTRONICS-ST490AB Datasheet
686Kb / 17P
Low power high speed RS-485/RS-422 transceiver
07-Feb-2008
logo
Maxim Integrated Produc...
MAX14783E MAXIM-MAX14783E_15 Datasheet
1,018Kb / 18P
High-Speed 3.3V/5V RS-485/RS-422 Transceiver with ±35kV HBM ESD Protection
Rev 1; 1/15
MAX3362 MAXIM-MAX3362_V01 Datasheet
1Mb / 14P
3.3V, High-Speed, RS-485/RS-422 Transceiver in SOT Package
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com