Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3293 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST3293
Description  RS-422 HIGH SPEED TRANSCEIVER WITH DIGITAL EMPHASIS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3293 Datasheet(HTML) 3 Page - STMicroelectronics

  ST3293 Datasheet HTML 1Page - STMicroelectronics ST3293 Datasheet HTML 2Page - STMicroelectronics ST3293 Datasheet HTML 3Page - STMicroelectronics ST3293 Datasheet HTML 4Page - STMicroelectronics ST3293 Datasheet HTML 5Page - STMicroelectronics ST3293 Datasheet HTML 6Page - STMicroelectronics ST3293 Datasheet HTML 7Page - STMicroelectronics ST3293 Datasheet HTML 8Page - STMicroelectronics ST3293 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ST3293
3/11
EMPHASIS CONTROL INPUT
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
RECOMMENDED OPERATING CONDITIONS
INPUTS PE = HIGH
DRIVER EMPHASIS FACTOR (DEF)
C0
C1
C2
RL = 100
Ω
LLL
1.0
L
L
H
1.1
LHL
1.2
L
H
H
1.3
H
L
L
1.4
HLH
1.5
H
H
L
1.6
HHH
1.7
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to 7
V
C0, C1,
C2, DI, PE
Control Input Voltage
-0.5 to 7
V
Y, Z
Driver Output Voltage VCC =0V orVOUT =Z-state
-0.5 to 7
V
A, B
Receiver Input Voltage
-14 to 14
V
RO
Receiver Output Voltage
-0.5 to (VCC + 0.5)
V
PD
Continuous Total Power Dissipation (SO-14)
0.5
W
TJ
Operating Junction Temperature Range
-40 to 150
°C
Tstg
Storage Temperature Range
-65 to 150
°C
ESD
Human Boby Model (Receiver Inputs vs GND)
±1
KV
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.75
5.25
V
VIH
High Level Logic Input Voltage
C0, C1, C2, DI, PE
2
VCC
V
VIL
Low Level Logic Input Voltage
C0, C1, C2, DI, PE
0
0.8
V
IIN
Input Current of Logic Input
C0, C1, C2, DI, PE
±2
µA
ICC
Supply Current
No Load
4
mA
TA
Operating Temperature Range
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com