Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3293 Datasheet (PDF) - STMicroelectronics

ST3293 Datasheet PDF - STMicroelectronics
Part # ST3293
Download  ST3293 Download
File Size   192.21 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RS-422 HIGH SPEED TRANSCEIVER WITH DIGITAL EMPHASIS

ST3293 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST3293 Datasheet PDF - STMicroelectronics

Part # ST3293
Download  ST3293 Click to download

File Size   192.21 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RS-422 HIGH SPEED TRANSCEIVER WITH DIGITAL EMPHASIS

ST3293 Datasheet (HTML) - STMicroelectronics


ST3293 Product details

DESCRIPTION
The ST3293 is a high-speed RS-422 transceiver with an emphasis circuitry on the driver which allows reliable long distance communication at high data rate by reducing inter symbolic interference. The differential amplitude of the ST3293 is digitally programmable in 7 steps through 3 control pins. The emphasis reduces the inter symbolic interference by increasing the signal amplitude under the micro control and counteracting the effects of the cable with the varying data stream. The ST3293 is a full duplex device that operates from a single +5V supply.

■ FULL DUPLEX COMMUNICATIONS DEVICE RS-422
■ PROGRAMMABLE EMPHASIS INCREASES THE DISTANCE AND DATA RATE
■ HIGH SPEED: DATA RATE UP TO 25Mbps
■ -7V TO 7V COMON-MODE INPUT VOLTAGE RANGE
■ LVTTL LOGIC INPUT THRESHOLDS




Similar Part No. - ST3293

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
ST3215SB KSS-ST3215SB Datasheet
105Kb / 1P
3.2횞1.5mm for Consumer/ Mobile Equipment
ST3215SB32768C0HPWBB KSS-ST3215SB32768C0HPWBB Datasheet
47Kb / 1P
3.2횞1.5mm for Consumer/ Mobile Equipment
ST3215SB32768E0HPWBB KSS-ST3215SB32768E0HPWBB Datasheet
47Kb / 1P
3.2횞1.5mm for Consumer/ Mobile Equipment
logo
AVX Corporation
ST3215SB32768H5HPWAA AVX-ST3215SB32768H5HPWAA Datasheet
115Kb / 1P
Surface Mount Type: Tuning Fork ST3215SB
logo
Kyocera Kinseki Corpota...
ST3215SB32768H5HPWAA KSS-ST3215SB32768H5HPWAA Datasheet
47Kb / 1P
3.2횞1.5mm for Consumer/ Mobile Equipment
More results


Similar Description - ST3293

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST490A STMICROELECTRONICS-ST490A Datasheet
203Kb / 11P
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
Nov-2002
ST491A STMICROELECTRONICS-ST491A Datasheet
269Kb / 12P
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
Jul-2003
logo
Maxim Integrated Produc...
MAX3362 MAXIM-MAX3362 Datasheet
315Kb / 14P
3.3V, High-Speed, RS-485/RS-422 Transceiver in SOT Package
19-2218; Rev 1; 5/02
logo
STMicroelectronics
ST485A STMICROELECTRONICS-ST485A Datasheet
254Kb / 19P
Very high speed low power RS-485/RS-422 transceiver
28-Mar-2006
ST490A STMICROELECTRONICS-ST490A_06 Datasheet
210Kb / 17P
Low power high speed RS-485/RS-422 transceiver
04-May-2006
ST491A STMICROELECTRONICS-ST491A_07 Datasheet
239Kb / 17P
Low power high speed RS-485/RS-422 transceiver
28-May-2007
ST485AB STMICROELECTRONICS-ST485AB_07 Datasheet
717Kb / 19P
Very high speed low power RS-485/RS-422 transceiver
24-Aug-2007
ST490AB STMICROELECTRONICS-ST490AB Datasheet
686Kb / 17P
Low power high speed RS-485/RS-422 transceiver
07-Feb-2008
logo
Maxim Integrated Produc...
MAX14783E MAXIM-MAX14783E_15 Datasheet
1,018Kb / 18P
High-Speed 3.3V/5V RS-485/RS-422 Transceiver with ±35kV HBM ESD Protection
Rev 1; 1/15
MAX3362 MAXIM-MAX3362_V01 Datasheet
1Mb / 14P
3.3V, High-Speed, RS-485/RS-422 Transceiver in SOT Package
2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com