Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3293 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST3293
Description  RS-422 HIGH SPEED TRANSCEIVER WITH DIGITAL EMPHASIS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3293 Datasheet(HTML) 5 Page - STMicroelectronics

  ST3293 Datasheet HTML 1Page - STMicroelectronics ST3293 Datasheet HTML 2Page - STMicroelectronics ST3293 Datasheet HTML 3Page - STMicroelectronics ST3293 Datasheet HTML 4Page - STMicroelectronics ST3293 Datasheet HTML 5Page - STMicroelectronics ST3293 Datasheet HTML 6Page - STMicroelectronics ST3293 Datasheet HTML 7Page - STMicroelectronics ST3293 Datasheet HTML 8Page - STMicroelectronics ST3293 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ST3293
5/11
SWITCHING CHARACTERISTICS
(VCC = 5V ± 5%, -40°C < TA < 85°C, unless otherwise noted. Typical values are referred to Ta = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tDPLH
tDPHL
Driver Differential
Propagation Delay, Low to
High and High to Low
RDIFF = 100 Ω CL1 =CL2 = 50pF
16
25
ns
tTLH,tTHL Driver Differential rise and
fall time
RDIFF = 100 Ω CL1 =CL2 = 50pF
8
12
ns
tEDO
Propagation delay time
from PE, C0, C1, C2 to
differential output without
emphasis
RDIFF = 100 Ω CL1 =CL2 = 50pF
|DO|-200mV
45
ns
ts
Setup Time PE to DI
RDIFF = 100 Ω CL1 =CL2 = 50pF
-8
ns
th
Hold Time PE to DI
RDIFF = 100 Ω CL1 =CL2 = 50pF
8
ns
tDSKEW
Differential Driver Output
Skew |tdPLH-tdPHL|
RDIFF = 100 Ω CL1 =CL2 = 50pF
1.5
3
ns
fMAX
Maximum Frequency
RDIFF = 100 Ω CL1 =CL2 = 50pF
25
40
Mbps
tRLH, tRHL Receiver Propagation Delay CL =15pF, VID =2V, VCM =0V
28
45
ns
tRSKEW
Receiver Output Skew
|tRLH-tRHL|
CL =15pF
2
4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com