Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3S01 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST3S01
Description  BATTERY CHARGE I.C.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3S01 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST3S01 Datasheet HTML 3Page - STMicroelectronics ST3S01 Datasheet HTML 4Page - STMicroelectronics ST3S01 Datasheet HTML 5Page - STMicroelectronics ST3S01 Datasheet HTML 6Page - STMicroelectronics ST3S01 Datasheet HTML 7Page - STMicroelectronics ST3S01 Datasheet HTML 8Page - STMicroelectronics ST3S01 Datasheet HTML 9Page - STMicroelectronics ST3S01 Datasheet HTML 10Page - STMicroelectronics ST3S01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ST3S01LED
7/17
ELECTRICAL CHARACTERISTICS OF PRECHARGE SWITCH (TA = -40 to 85°C, unless otherwise
specified.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCHARGE
Precharge Block
Operating Input Voltage
2.5
12
V
VDROP
Dropout Voltage
VCHARGE= 2.5V to 9V
IPRECHARGE=100mA
VCMD-REVERSE=0V or floating
VCMD-PWM=0V or floating
VCMD-MODE=0V or floating
0.13
1.2
V
IPRECHARGE Precharge Current Limit
(from VCHARGE to VBATT)
VCHARGE= 2.5V to 5VVBATT=0V
VCMD-REVERSE=0V or floating
VCMD-PWM=0V or floating
VCMD-MODE=0V or floating
100
170
mA
VCHARGE= 2.5V to 9VVBATT=0V
VCMD-REVERSE=0V or floating
VCMD-PWM=0V or floating
VCMD-MODE=0V or floating
100
200
ILEAKAGE
Precharge Leakage
Current Limit (from VBATT
to VCHARGE, tested on
VCHARGE pin)
VCHARGE=0V
VBATT= 5.5V
VCMD-REVERSE=0V or floating
VCMD-PWM=0V or floating
VCMD-MODE=0V or floating
1
µA
FMODE
PRECHARGE Switch
Minimum Frequency
VCHARGE= 2.5V to 9V
VBATT=0V toVCHARGE
VCMD-REVERSE=0V or floating
VCMD-PWM=0V or floating
VCMD-MODE=0V to 1.9V at FMODE
100
Hz
tON-OFF
Response Time
100
µs
tOFF-ON
Response Time
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com