Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3S01 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST3S01
Description  BATTERY CHARGE I.C.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3S01 Datasheet(HTML) 4 Page - STMicroelectronics

  ST3S01 Datasheet HTML 1Page - STMicroelectronics ST3S01 Datasheet HTML 2Page - STMicroelectronics ST3S01 Datasheet HTML 3Page - STMicroelectronics ST3S01 Datasheet HTML 4Page - STMicroelectronics ST3S01 Datasheet HTML 5Page - STMicroelectronics ST3S01 Datasheet HTML 6Page - STMicroelectronics ST3S01 Datasheet HTML 7Page - STMicroelectronics ST3S01 Datasheet HTML 8Page - STMicroelectronics ST3S01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ST3S01LED
4/17
I.C. BLOCK DIAGRAM
POSSIBLE OPERATING MODES
Five different operating modes are allowed:
charge, precharge, reverse, charge+reverse and
precharge+reverse. These operating modes can
be
achieved
by
properly
selection
of
the
CMD-REVERSE CMD-PWM and CMD-MODE
(See POSSIBLE OPERATING MODE Table).
PRECHARGE MODE
The PRECHARGE function is composed by a
switch and a 100mA current source which fully
works for VCHARGE higher than 2.5V. When the
CMD-MODE and the CMD-PWM are not leaded
the switch is ON, being the input states held by an
internal pull down resistor. This is used when the
battery is strongly discharged. In this case VBATT
can be null (battery empty) and all the input pins
are
not
held
by
any
level
(because
the
micro-controller is down), except the VCHARGE pin
which is a main supply. The source of current
supplies a constant current into the battery till its
voltage level reaches the required level allowing to
start the micro-controller (typically 3V). The
current direction is from VCHARGE to VBATT.The
reverse leakage current when the swich is ON
must be null; this is obtained thanks to an internal
circuitry that switch OFF the internal P-MOS when
the VBATT is higher than VCHARGE,whatever the
status of the CMD-MODE. The precharge function
is also used to adjust the mean current. When the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com