Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3S01 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST3S01
Description  BATTERY CHARGE I.C.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3S01 Datasheet(HTML) 2 Page - STMicroelectronics

  ST3S01 Datasheet HTML 1Page - STMicroelectronics ST3S01 Datasheet HTML 2Page - STMicroelectronics ST3S01 Datasheet HTML 3Page - STMicroelectronics ST3S01 Datasheet HTML 4Page - STMicroelectronics ST3S01 Datasheet HTML 5Page - STMicroelectronics ST3S01 Datasheet HTML 6Page - STMicroelectronics ST3S01 Datasheet HTML 7Page - STMicroelectronics ST3S01 Datasheet HTML 8Page - STMicroelectronics ST3S01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ST3S01LED
2/17
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
(*) The I.C. is automatically turned OFF when VCHARGE reaches typically 14V (VCHARGE rising edge); typical hysteresis is 700mV (VCHARGE
falling edge)
THERMAL DATA
ORDERING CODES
CONNECTION DIAGRAM (top view)
Symbol
Parameter
Value
Unit
VBATT
Battery Voltage
-0.3 to 6
V
VCHARGE
Charge Voltage (*)
-12 to 16
V
VFLAG
(VCHARGE -VBATT) Flag Control Voltage
-0.3 to 12
V
VCHARGER-OK Charger Flag Control Voltage
-0.3 to 12
V
VCMD-PWM
PWM Command Voltage
-0.3 to 5
V
VCMD-MODE
CMD Command Voltage
-0.3 to 5
V
VCMD-REVERSE Reverse Command Voltage
-0.3 to 5
V
ISWITCH
Internal Switch
Continuous Max Current
TAMB = 85°C, Rthj-amb = 40°C/W
2A
TAMB = 30°C, Rthj-amb = 40°C/W
3A
Internal Switch Peak
Current
T<1ms
Duty Cycle < 1%
Rthj-amb = 40°C/W
8A
Tstg
Storage Temperature Range
-55 to +125
°C
TJ
Operating Junction Temperature Range
-40 to +125
°C
TAMB
Operating Ambient Temperature Range (if an adeguate
heatsink is provided)
-40 to +85
°C
Symbol
Parameter
SO-8
Unit
Rthj-case
Thermal Resistance Junction-case
10
°C/W
TYPE
SO-8 exposed pad
SO-8 exposed pad (T&R)
ST3S01LED
ST3S01LED
ST3S01LED-TR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com