Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3S01 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST3S01
Description  BATTERY CHARGE I.C.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3S01 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST3S01 Datasheet HTML 6Page - STMicroelectronics ST3S01 Datasheet HTML 7Page - STMicroelectronics ST3S01 Datasheet HTML 8Page - STMicroelectronics ST3S01 Datasheet HTML 9Page - STMicroelectronics ST3S01 Datasheet HTML 10Page - STMicroelectronics ST3S01 Datasheet HTML 11Page - STMicroelectronics ST3S01 Datasheet HTML 12Page - STMicroelectronics ST3S01 Datasheet HTML 13Page - STMicroelectronics ST3S01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ST3S01LED
10/17
I.C. CONSUMPTION (TA =-40 to 85°C, VCHARGE<VBATT, unless otherwise specified.)
ESD PROTECTION
TYPICAL PERFORMANCE CHARACTERISTICS (unless otherwise specified Tj =25°C)
Figure 1 : Precharge Current Limit vs
Temperature
Figure 2 : Charge Drop Voltage vs Temperature
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IBATT
Current Consumption
from Battery Pin
VCMD-PWM=1.9V
VCMD-MODE=0V or 1.9V
µA
VBATT= 3 to 5.25V
VCHARGE= floating
VCMD-REVERSE=0V
15
µA
VBATT= 5.25V
VCHARGE= floating
VCMD-REVERSE=1.9V
140
300
µA
ICHARGE
Current Consumption
from the Charge Pin
VCHARGE= 5.25V
VBATT= floating
VCMD-REVERSE=0V
VCMD-PWM=1.9V
VCMD-MODE=0V or 1.9V
78
250
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ESD
Electrostatic Discharge
Immunity for VCHARGE
and VBATT pins
TA=25°C
Human Body Method MIL STD
833D-3015.7
±4
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com