Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3S01 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST3S01
Description  BATTERY CHARGE I.C.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3S01 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST3S01 Datasheet HTML 5Page - STMicroelectronics ST3S01 Datasheet HTML 6Page - STMicroelectronics ST3S01 Datasheet HTML 7Page - STMicroelectronics ST3S01 Datasheet HTML 8Page - STMicroelectronics ST3S01 Datasheet HTML 9Page - STMicroelectronics ST3S01 Datasheet HTML 10Page - STMicroelectronics ST3S01 Datasheet HTML 11Page - STMicroelectronics ST3S01 Datasheet HTML 12Page - STMicroelectronics ST3S01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ST3S01LED
9/17
ELECTRICAL CHARACTERISTICS OF CHARGER DETECTION BLOCK (TA = -40 to 85°C,
VCHARGE =2.2 to 9V, VCMD-REVERSE = 0V or floating unless otherwise specified.)
ELECTRICAL CHARACTERISTICS OF FLAG DETECTION BLOCK (TA =-40 to 85°C, VCHARGE =2.2
to 9V unless otherwise specified.)
ELECTRICAL CHARACTERISTICS OF OVERLOAD PROTECTION (TA =-40 to 85°C, VCHARGE>3V,
VCHARGE>VBATT,VCMD-REVERSE=0V, VCMD-PWM=0V, VCMD-MODE=0V to 1.9V, unless otherwise
specified.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCHARGE
Charger Detection Block
Operating Input Voltage
2.2
V
VCHARGE-TH Low Voltage Threshold
with falling edge
2.425
2.5
2.575
V
VCHARGE-HYS Low Voltage Hysteresis
with rising edge, TA=25°C
100
mV
VCHARGER-OK CHARGER-OK Output
Voltage Low
VCHARGE=3V
ICHARGER-OK=1mA
0.2
0.4
V
VCHARGER-OK CHARGER-OK Output
Voltage Low
VFLAG= 0.2V
ICHARGER-OK=1mA
VCMD-REVERSE=1.9V
0.2
0.4
V
ICHARGER-OK CHARGER-OK Output
Leakage Current
VCHARGE= 2.2V
VCHARGER-OK=10V
0
1
µA
ICHARGER-OK CHARGER-OK Output
Leakage Current
VFLAG= 0.2V
VCHARGER-OK=10V
VCMD-REVERSE=1.9V
01
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCHARGE
FLAG Detection Block
Operating Input Voltage
2.2
V
VVCHARGE-
VBATT
FLAG (VCHARGE -VBATT)
Voltage Low
VFLAG= 0.2V
IFLAG=1mA
0.2
0.45
V
IVCHARGE-
VBATT
FLAG (VCHARGE -VBATT)
Leakage Current
VFLAG= 0.2V
IFLAG=10mA
1
µA
VVCHARGE-
VBATT
FLAG* (VCHARGE -VBATT)
Voltage Low
ICHARGE=20mA
IFLAG=1mA
0.2
0.45
V
IVCHARGE-
VBATT
FLAG* (VCHARGE -VBATT)
Leakage Current
VBATT =VCHARGE
VFLAG= 10V
1
µA
* Guaranteed by design
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VBATT
Battery Input Threshold
with rising edge
5.4
5.6
5.9
V
tON-OFF
Response Time
Switches ON to OFF, TA = 25°C
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com