Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3S01 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST3S01
Description  BATTERY CHARGE I.C.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3S01 Datasheet(HTML) 5 Page - STMicroelectronics

  ST3S01 Datasheet HTML 1Page - STMicroelectronics ST3S01 Datasheet HTML 2Page - STMicroelectronics ST3S01 Datasheet HTML 3Page - STMicroelectronics ST3S01 Datasheet HTML 4Page - STMicroelectronics ST3S01 Datasheet HTML 5Page - STMicroelectronics ST3S01 Datasheet HTML 6Page - STMicroelectronics ST3S01 Datasheet HTML 7Page - STMicroelectronics ST3S01 Datasheet HTML 8Page - STMicroelectronics ST3S01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ST3S01LED
5/17
battery is fully charged the current into the battery
has not to be more than C/25 (Nimh battery). In
order to perform finely this, the CMD-PWM pin
must be driven with PWM function (in the same
time, the CMD-MODE must be kept low). The duty
cycle allows to adjust the mean current needed.
CHARGE MODE
TheCMD-MODE pin, whenhigh(and CMD-PWM
low), handles the switch in charge mode. This
switch allows the battery charge with a strong
current. The drop of this internal P-Channel MOS
is very low (200mV @ 800mA) in order to optimize
the efficiency of the charge.
The switch is not internally protected against short
circuit or overcurrent condition.
When the switch is ON (CMD-MODE high and
CMD-PWM low), the current direction into the chip
is from VCHARGE to VBATT. The reverse current
when the switch is ON must be null; this is
obtained by mean of an internal circuitry that
switch OFF the internal P-MOS when the VBATT is
higher than VCHARGE, whatever the status of the
CMD-MODE. When the CMD-MODE pin is low or
in high impedance the switch is OFF, while it is ON
when the signal on that pin is high.
REVERSE MODE
When
the
reverse
function
is
selected
by
CDM-REVERSE pin, the switch allows to supply
the accessories with a strong current. The drop of
the internal P-Channel MOS is very low (200mV
@ 800mA) and the switch properly work for VBATT
higher than 2.5V. This allows to supply energy on
the VCHARGE pin. When the switch is ON
(CMD-REVERSE high) the current direction into
thechipis from VBATT to VCHARGE.
The reverse current (from VCHARGE to VBATT)
when the switch is ON must be null; this is
obtained by mean of an internal circuitry that
switch
OFF
the
internal P-MOS when
the
VCHARGE is higher than VBATT, whatever the
status of the CMD-REVERSE. When the level of
CMD-REVERSE pin is low or in high impedance,
the switch is OFF, while it is ON when the signal
on CMD-REVERSE pin is high.
OVERVOLTAGE PROTECTION
This function allows to held the switches OFF
when the voltage level on VBATT is higher than a
maximum voltage whatever are the values of
CMD-PWM, CMD-MODE and CMD-REVERSE.
This maximum voltage is shown in the electrical
characteristic (typical threshold 5.7V). From the
moment in which the o.v.protection is activated, it
will be possible to turm ON again the switch only
when the VCHARGE value decreases down to 2.5V
typically, it doesn't matter which operation mode is
selected. The protection works only when the
battery is in charge or precharge mode, i.e.
VCHARGE >VBATT.
This represents, in fact, the typical application
condition where the battery could increase its
value, i.e. When charge or precharge mode are
used.
CHARGER DETECTION MODE
This function allows to generate a digital signal
(CHARGER-OK) to indicate if the VCHARGE
voltage is higher than 2.5V and the reverse
function is inactive. This functionality allows to
determine if the charger is present or not; if the
VCHARGE
is
lower
than
the
2.5V,
the
CHARGER-OK goes into high impedance (open
drain). When the reverse function is active, this
open drain have the VCHARGE-VBATT information.
This circuitry is directly supplied from VCHARGE pin
and works only for VCHARGE higher than 2.2V.
VCHARGE-VBATT DETECTION MODE
This function allows to generate a digital signal
(VCHARGE-VBATT)flagtoindicateif the VCHARGE
voltage is higher than VBATT;if the VCHARGE is
lower than the VBATT, this open drain goes into
high impedance state. This circuitry is directly
supplied from VCHARGE pin and works only for
VCHARGE higher than 2.2V.
THERMAL PROTECTION
An internal thermal shutdown circuitry will switch
OFF the P_MOS, only in precharge or in charge
mode, when the junction temperature reaches
typically 180°C. This has been implemented in
order to protect the device from overburning. 20°C
of
thermal
hysteresis
will
avoid
a
thermal
oscillation.
This circuitry is supplied from VCHARGE and, so,
acts only on the precharge and charge switches.
ESD PROTECTION
Both VCHARGE and VBATT pins are protected
against electrostatic discharge up to ±4KV (HBM,
MIL STD 833D.
CHARGE VOLTAGE
VCHARGE functional operating range is from 2.5V
to 12V.AtVCHARGE=14V typically the I.C. is
automatically turned OFF and remains OFF up to
16V. A VCHARGE voltage higher than 16V can
damage the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com