Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST486DX Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST486DX
Description  PROGRAMMING MANUAL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST486DX Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST486DX Datasheet HTML 13Page - STMicroelectronics ST486DX Datasheet HTML 14Page - STMicroelectronics ST486DX Datasheet HTML 15Page - STMicroelectronics ST486DX Datasheet HTML 16Page - STMicroelectronics ST486DX Datasheet HTML 17Page - STMicroelectronics ST486DX Datasheet HTML 18Page - STMicroelectronics ST486DX Datasheet HTML 19Page - STMicroelectronics ST486DX Datasheet HTML 20Page - STMicroelectronics ST486DX Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Valid Cases
P
I
I/O Write
Data Size
I/O Write
Address
I/O Write
Data
ESI or
EDI
not an I/O ins.
x
x
x
x
x
x
IN
0
0
x
x
x
EDI
INS
0
0
x
x
x
EDI
REP INS
1
0
x
x
x
EDI
OUT al
0
1
01h
I/O Address
xxxxxxdd
ESI
OUT ax
0
1
03h
I/O Address
xxxxdddd
ESI
OUT eax
0
1
0Fh
I/O Address
dddddddd
ESI
OUTSB
0
1
01h
I/O Address
xxxxxxdd
ESI
OUTSW
0
1
03h
I/O Address
xxxxdddd
ESI
OUTSD
0
1
0Fh
I/O Address
dddddddd
ESI
REP OUTSB
1
1
01h
I/O Address
xxxxxxdd
ESI
REP OUTSW
1
1
03h
I/O Address
xxxxdddd
ESI
REP OUTSD
1
1
0Fh
I/O Address
dddddddd
ESI
Table 3 - 2
Valid I/O Trap Cases
x: invalid
CS
SMM base specified by SMAR, CS limit is set to 4 GBytes
EIP
0000 0000h;
Begins execution at the base of SMM memory
EFLAGS
0000 0002h;
Reset State
CR0
6000 0010h;
Real Mode, Cache in Write Through
DR7
0000 0400h;
Traps disabled
Table 3 - 3
SMM Entry State
ST486DX - SMM SOFTWARE CONSIDERATIONS
27
The values found in the I/O trap information fields are specified below for all cases.
Upon SMM entry, the CPU enters the following state:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com