Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST486DX Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST486DX
Description  PROGRAMMING MANUAL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST486DX Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST486DX Datasheet HTML 15Page - STMicroelectronics ST486DX Datasheet HTML 16Page - STMicroelectronics ST486DX Datasheet HTML 17Page - STMicroelectronics ST486DX Datasheet HTML 18Page - STMicroelectronics ST486DX Datasheet HTML 19Page - STMicroelectronics ST486DX Datasheet HTML 20Page - STMicroelectronics ST486DX Datasheet HTML 21Page - STMicroelectronics ST486DX Datasheet HTML 22Page - STMicroelectronics ST486DX Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
ST486DX - SMM SOFTWARE CONSIDERATIONS
29
svts
cs:,save_tsr
;str is not valid in real mode
db
66h
;32bit version saves everything
sgdt
fword ptr cs:[save_gdt]
db
66h
;32bit version saves everything
sidt
fword ptr cs:[save_idt]
; at the end of the SMM routine the following code
; sequence will reload the entire CPU state
mov
eax,cs:save_eax
mov
ebx,cs:save_ebx
mov
ecx,cs:save_ecx
mov
edx,cs:save_edx
mov
esi,cs:save_esi
mov
edi,cs:save_edi
mov
ebp,cs:save_ebp
mov
esp,cs:save_esp
rsdc
ds,cs:,save_ds
rsdc
es,cs:,save_es
rsdc
fs,cs:,save_fs
rsdc
gs,cs:,save_gs
rsdc
ss,cs:,save_ss
rsldt
cs:,save_ldt
rsts
cs:,save_tsr
db
66h
sgdt
fword ptr cs:[save_gdt]
db
66h
sidt
fword ptr cs:[save_idt]
; the data space to save the CPU state is in
; the Code Segment for this example
save_ds
dt
?
save_es
dt
?
save_fs
dt
?
save_gs
dt
?
save_ss
dt
?
save_ldt
dt
?
save_tsr
dt
?
save_eax
dd
?
save_ebx
dd
?
save_ecx
dd
?
save_edx
dd
?
save_esi
dd
?
save_edi
dd
?
save_ebp
dd
?
save_esp
dd
?
save_gdt
df
?
save_idt
df
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com