Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST486DX Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST486DX
Description  PROGRAMMING MANUAL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST486DX Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST486DX Datasheet HTML 26Page - STMicroelectronics ST486DX Datasheet HTML 27Page - STMicroelectronics ST486DX Datasheet HTML 28Page - STMicroelectronics ST486DX Datasheet HTML 29Page - STMicroelectronics ST486DX Datasheet HTML 30Page - STMicroelectronics ST486DX Datasheet HTML 31Page - STMicroelectronics ST486DX Datasheet HTML 32Page - STMicroelectronics ST486DX Datasheet HTML 33Page - STMicroelectronics ST486DX Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
ST486DX - ASSEMBLER MACROS FOR SGS-THOMSON INSTRUCTIONS
47
SMI_CR0
EQU
($CR0
+ SMMSIZE - SIZE SMI_SAVE)
SMI_EFLAGS
EQU
($EFLAGS + SMMSIZE - SIZE SMI_SAVE)
SMI_DR7
EQU
($DR7
+ SMMSIZE - SIZE SMI_SAVE)
SMM Instruction macro example: TEST.ASM
.MODEL
SMALL
.386
;SMM Macro Examples
; by Dean C. Wills
include smimac.inc
0000
.DATA
0000
0A*(??)
there
db
10 dup (?)
000A
.CODE
0000
2E 0F 78 1E 004E
svdc
cs:,hello,ds
0006
2E 0F 79 1E 004E
rsdc
ds,cs:,hello
000C
2E 0F 79 2E 004E
rsdc
gs,cs:,hello
0012 2E 67 2E 0F 78 9C 58 0000004E
svdc cs:,[eax+ebx*2+hello],1
001D
67| 0F 78 23
svdc
,[ebx],fs,1
0021
0F 78 2E 0000
svdc
,there,gs
0026
2E 0F 7A 06 004E
svldt
cs:,hello
002C
2E 0F 7B 06 004E
rsldt
cs:,hello
0032
2E 0F 7D 06 004E
rsts
cs:,hello
0038 2E 67 2E 0F 7C 84 58 0000004E
svts cs:,[eax+ebx*2+hello],1
0043
67| 0F 7A 03
svldt
,[ebx],1
0047
0F 7C 06 0000
svts
,there
004C
0F AA
rsm
004E
0A*(??)
hello
db
10 dup (?)
end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com